Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP8459 Datasheet HTML 17Page - National Semiconductor (TI) DP8459 Datasheet HTML 18Page - National Semiconductor (TI) DP8459 Datasheet HTML 19Page - National Semiconductor (TI) DP8459 Datasheet HTML 20Page - National Semiconductor (TI) DP8459 Datasheet HTML 21Page - National Semiconductor (TI) DP8459 Datasheet HTML 22Page - National Semiconductor (TI) DP8459 Datasheet HTML 23Page - National Semiconductor (TI) DP8459 Datasheet HTML 24Page - National Semiconductor (TI) DP8459 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
The 3 dB bandwidth for requirement #3 is defined by the
equation
3:
ω
−3 dB = ωn [2ζ
2 + 1 +{(2
ζ2 +1)2 +1}0.5]0.5
Requirement #4 has been established in order to maximize the
available window margin via PLL dynamics. Conceptually,
window margin is preserved if the loop phase response to
individually displaced bits (jitter) is not allowed to cause
subsequent windows to be readily shifted from the “average”
position. Any window movement from nominal position can
readily degrade the window margin. It can be seen from
Figure
19 that systems employing low values of damping ratio exhibit
a reduced instantaneous response to phase step and thus
display improved jitter rejection with respect to higher damping
ratio systems. Damping ratio, fortunately, is easily regulated by
loop filter design. It also follows that a low natural frequency
and its associated “slower” instantaneous phase response will
assist in achieving the goal of jitter rejection. However, the
minimum natural frequency limit for the PLL may actually be
imposed on the system by the
θ
e(t) settling time requirement,
the
∆ω
L requirement, or the ω−3 dB requirement. Whichever of
these produces the highest minimum
ω
n
value must, by
necessity, dominate in the design. The goal of minimizing the
natural frequency in order to maximize jitter rejection,
therefore, may have to defer to one of these other three
criteria.
Requirement #5 is addressed in three ways: 1) the DP8459
itself engages the frequency discriminating action of the Phase
Comparator whenever the READ GATE is deasserted and the
PLL
locks
to
the
REFERENCE
CLOCK
signal,
thus
guaranteeing re-lock regardless of the initial frequency step; 2)
tying the HIGH GAIN DISABLE pin to the READ GATE input
places the Charge Pump in the high gain mode whenever the
PLL is locked to the REFERENCE CLOCK, producing an
elevated natural frequency and a more rapid locking action; 3)
N = 2 whenever the READ GATE is deasserted, which, in this
example, effectively increases the loop gain by another factor
of 2 with respect to the gain within the preamble, where N = 4.
Determining PLL Response Characteristics
It is expected that the minimum value of
ω
n will be determined
by the residual phase error requirement of #1 rather than the
lock-in range requirement of #2orthe
ω
−3 dB requirement of
#3. This assumption will be checked at the end of the analysis.
System requirements then are as follows:
1.
θ
e(t) ≤ (2 ns) x (2π rad/ 200 ns) = 0.063 radians,
where t = preamble length 8.8 µs
2.
∆ω
L ≈ ±KBZf(s)|s→
∞ ≥ 0.015x5MHzx2π = 471 Krad/sec
3.
ω
−3 dB = ωn[2ζ
2 +1+{(2
ζ2 +1)2 +1}0.5]0.5
≥ 2x10kHzx2π = 126 Kr/s
Requirement #1 calls for
θ
e(8.8 µs) ≤ 0.063 radians. Damping
ratio
ζ varies as the inverse square root of N (see the equation
for Damping Ratio in Section 3.0) such that
ζ
PREAMBLE =
√(N
MAX/NPREAMBLE)x ζMIN = √2 x 0.5 = 0.707. Solving the
appropriate equation for
θ
e(t) for various values of ωn with ζ =
0.707, t = 8.8 µs and an expected frequency step of 0.01 x 5
MHzx2
π = 314 Kr/s:
ω
n
θ
e (8.8 µs)
|t
e|
200 Kr/s
0.606 rad
19.29 ns
300 Kr/s
0.219 rad
6.97 ns
400 Kr/s
0.056 rad
1.78 ns
500 Kr/s
0.0012 rad
0.038 ns
600 Kr/s
−0.0098 rad
0.312 ns
ω
n
θ
e (8.8 µs)
|t
e|
700 Kr/s
−0.008 rad
0.026 ns
θ
e (8.8µs)|400 Kr/s = 0.056 radian < 0.063 radian
t
e = 0.056 radian x 200 ns/2π radian = 1.78 ns < 2ns
Thus 400 Kr/s is chosen as the desired natural frequency
within the preamble to satisfy requirement #1.
If the assumption that
θ
e(t) dominates the minimum natural
frequency requirement is correct, then the
∆ω
L requirement of
#2 and the
ω
−3 dB requirement of #3 should be met by the ωn
obtained above. First, examining requirement #2,
Z
f(s)|s→
∞ = R1 (C2 neglected).
Thus,
∆ω
L = KBR1
Rearranging for R
1:
R
1 = ∆ωL/KB
The equation for R
1 previously derived shows
R
1 = 2ζωn/KB
Thus,
∆ω
L/KB = 2ζωn/KB
∆ω
L = 2 ζωn
In this case,
ω
n = 400 Kr/s and ζ = 0.707 (preamble), thus
∆ω
L = 400 Kr/sx2x 0.707 = 566 Kr/s > 471 Kr/s
Thus, requirement #2 is met.
Examining requirement #3, where
ω
−3 dB ≥ 2x10kHzx2π
when N equals its maximum value of 8 (minimum frequency
data pattern;
ζ = 0.5):
ω
n(min) = ωn(preamble) x 1/√(NMAX/NPREAMBLE)
= 400 Kr/s x 1/
√2 = 283 Kr/s
ω
−3 dB = ωn(min) [2ζ
2 +1+{(2
ζ2 +1)2+1}0.5]0.5
=283 Kr/s x 1.817 = 514 Kr/s
514 Kr/s ÷ 2
π = 82 kHz > 2x10kHz
Thus requirements #1 through #3 are met, and #4 defers to
the minimum
ω
n established by #1.
Regarding requirement #5, the DP8459 has been configured
externally in this example such that when the READ GATE is
deasserted, the loop gain will be increased by a factor of 2 due
to the Charge Pump gain switching (R
NOM = RBOOST; HGD
tied to RG) and by an additional factor of 2 due to the decrease
in N from 4 (preamble) to a fixed internal value of 2. The
resulting factor of 4 effective gain elevation results in an
increase in both the natural frequency,
ω
n, and the damping
ratio,
ζ,by √4 = 2. Thus, when READ GATE is deasserted,
ω
n = 2 x 400 Kr/s = 800 Krad/s
ζ = 2 x 0.707 = 1.414
∆ω
L = 2ζωn = 2 x 1.414 x 800 Krad/s = 2.3 Mr/s
COMPONENT CALCULATIONS
The formulae for the filter components, derived previously, are
A 2:1 ratio of high-to-low Charge Pump gain was chosen for
the derivation of R
NOM and RBOOST. To achieve the 2:1 gain
ratio, R
NOM
must be equal to R
BOOST
while the parallel
http:\\www.national.com
21
PrintDate=1996/07/31 PrintTime=11:06:07 ds009322 Rev. No. 1
Proof
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com