Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP8459 Datasheet HTML 8Page - National Semiconductor (TI) DP8459 Datasheet HTML 9Page - National Semiconductor (TI) DP8459 Datasheet HTML 10Page - National Semiconductor (TI) DP8459 Datasheet HTML 11Page - National Semiconductor (TI) DP8459 Datasheet HTML 12Page - National Semiconductor (TI) DP8459 Datasheet HTML 13Page - National Semiconductor (TI) DP8459 Datasheet HTML 14Page - National Semiconductor (TI) DP8459 Datasheet HTML 15Page - National Semiconductor (TI) DP8459 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
The Delay Line thus remains insensitive to the external
components associated with the extractor as well as to supply
voltage, temperature, and IC process variations.
TIMING EXTRACTOR
This block extracts timing information from the REFERENCE
CLOCK input for use by the variable silicon delay line. External
passive components (tied to the Timing Extractor Filter pin) are
associated with this block, although the accuracy of the
circuit’s function remains independent of the general value and
tolerance of the components. The resistor-capacitor net is
employed
by
the
Timing
Extractor
for
stabilization
purposes—no monostable multivibrator (one-shot) circuitry is
employed by the DP8459. Note that the performance of the
delay line is directly dependent upon the accuracy of the
REFERENCE CLOCK input waveform. Either a crystal
reference generator or a stable servo clock source must be
applied to this input. Multiplexing of the REFERENCE CLOCK
waveform between read operations (within multiple data rate
systems) is acceptable, although sufficient Timing Extractor
stabilization time must be allowed following any perturbation at
this pin before a read operation may be performed (see
Figure
10 for timing table).
PHASE COMPARATOR
The
DP8459
employs
a
digital
Phase
Comparator
(non-harmonic discriminator circuit) which has the capability of
forcing the frequency of the PLL VCO toward the frequency of
the reference input regardless of the magnitude of the
frequency difference. The function of the Phase Comparator
circuit can be represented in a diagrammatically simplified
form as in
Figure 11 .
The Phase Comparator’s action can be disabled at any time
(cleared) via the COAST input pin, allowing the VCO to
free-run.
CHARGE PUMP
The Charge pump is a high speed, switching, dual-gain,
bi-directional current source whose current flow is controlled
by the digital Phase Comparator circuit. The current pulses at
the CHARGE PUMP OUTPUT (CPO) pin thus reflect the
magnitude and sign of the phase error seen at the input of the
Phase Comparator. The CPO pin is connected externally to a
passive component network whose impedance translates the
aggregate current into a voltage for the VCO INPUT while
providing a low-pass filter function for the PLL. The matched
source and sink current generators’ operating currents are set
via the R
NOMINAL and RBOOST pins, which are supplied current
from V
CC through external resistors. The bias voltages at the
R
NOMINAL and RBOOST pins are set to 0.75 x VCC; the current
into each of these pins is internally multiplied by 2 for Charge
Pump use. The CPO current is defined as follows:
I
CPO = (VCC/2)/RNOM
HIGH GAIN DISABLE high (logical-one)
I
CPO = (VCC/2)/(RNOM||RBOOST)
HIGH GAIN DISABLE low (logical-zero)
FIGURE 10. TIMING EXTRACTOR FILTER Component Values for Various Data Rates
FIGURE 11. Simplified Digital Phase-Frequency Comparator
VOLTAGE CONTROL OSCILLATOR (VCO)
The DP8459 VCO is comprised of two portions—a self
contained, high frequency oscillator (no external components)
whose frequency is regulated by the voltage at the VCO
INPUT pin, and a programmable modulus digital divider. The
oscillator is only required to operate over approximately a 2:1
frequency range; the divider modulus is programmable in
factors of 2. The two blocks work in conjunction to achieve a
continuous range of equivalent VCO operating frequencies
from 500 kHz to 50 MHz. (See
Figure 12. )
CONTROL REGISTER
Within the DP8459, the Control Register is a MICROWIRE
compatible, 6-bit shift register block with bits 0 through 4
employed to control the window strobe function and bit 5
employed to regulate the device test mode (see
Figures 13
and
14 ). Information is serially shifted into the Control
Register via the CRD and CRC (negative edge clock) pins
whenever the CRE pin is active (logical-zero). When the CRE
pin is inactive (logical-one), CRD and CRC are ignored.
Figure 3 shows the truth table for the VCO range select
function;
Figure 4 shows the truth table for the window strobe
function.
RFC Frequency
1
4
10
20
40
MHz
CT1
0.82
0.2
0.082
0.056
0.027
µF
RT1
68
68
68
68
68
Ω
Settling Time
192
96
19.2
9.6
4.6
µs
Values may be interpolated for intermediate data rates. Timing Extractor settling times are given which indicate time required for the DP8459 to accommodate a
change of Strobe setting from nominal selection to either extreme (early/late), or vice versa, to within approximately 1% of final value.
TL/F/9322-17
PrintDate=1996/07/31 PrintTime=11:05:51 ds009322 Rev. No. 1
Proof
12
12
http:\\www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com