Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button DP8459 Datasheet HTML 18Page - National Semiconductor (TI) DP8459 Datasheet HTML 19Page - National Semiconductor (TI) DP8459 Datasheet HTML 20Page - National Semiconductor (TI) DP8459 Datasheet HTML 21Page - National Semiconductor (TI) DP8459 Datasheet HTML 22Page - National Semiconductor (TI) DP8459 Datasheet HTML 23Page - National Semiconductor (TI) DP8459 Datasheet HTML 24Page - National Semiconductor (TI) DP8459 Datasheet HTML 25Page - National Semiconductor (TI) DP8459 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
combination R
NOM ||RBOOST must be equal to or greater than
1.2 k
Ω as per specification. Note that in the equation for C
1
above, the capacitor value is inversely proportional to R
p.
Thus, external field interference immunity can be achieved if
C
1 is maximized through the minimizing of Rp. The selection of
R
NOM = RBOOST = 2.4 kΩ satisfies the requirements for the
Charge Pump resistors and the gain ratio. R
p will be equal to
R
NOM with READ GATE high, and thus
C
1 = [1.2x5x20 MHz/(2 x 2.4k x 4)]/(400 Kr/s)
2
= 0.039 µF
R
1 can now be calculated:
A standard value of 100
Ω is chosen. Since C
2 ≤ 0.1xC1,C2
will be chosen to be 510 pF. A table listing the dynamics of the
PLL under standard operation conditions and with component
values adjusted to industry standards is shown in
Figure 20 .
FIGURE 20. 2,7 Code, 10 Mbits/Sec Design Example PLL Dynamics
4.0 Window Margin and Bit Jitter Tolerance
A key performance specification for the DP8459 involves the
integrity of the synchronization window. The synchronization
window is defined as a continuously repeating time cell,
nominally equal in span to the period of the VCO, within which
an ENCODED READ DATA pulse will be recognized
(captured) regardless of its position within the window (see
Figure 21 ). The captured ERD bit is then transmitted to the
SYNCHRONIZED DATA output on the next occurring SYNC
CLOCK negative edge. The SYNCHRONIZED DATA and the
SYNC CLOCK are held in a fixed, specified timing relationship
for use by the data controller in deserialization and decoding.
The synchronization window (with strobe setting at nominal
position) is centered about the mean location of the ERD
pulses via the delay line and the time-averaging action of the
PLL. National Semiconductor specifies the static window
truncation (t
T)
of the DP8459 data synchronizer as the
maximum expected loss of the synchronization window seen
adjacent to the ideal window boundary following complete PLL
stabilization with the strobe control setting at the M = −2
position (see
Figure 22 ). Static lock conditions are defined as
having been achieved when the PLL has been allowed to
establish fully stabilized lock to a consistent preamble-type
pattern of nominally positioned, non-shifted ERD pulses.
FIGURE 21. Synchronization Window
Field
Preamble
Min Freq Data
Max Freq Data
Ref Clock
N4
8
3
2
CP Gain
Low
Low
Low
High
Natural
Freq.
400 Krad/s
283 Krad/s
462 Krad/s
800 Krad/s
ω
n
Damping
Ratio
0.7
0.5
0.8
1.4
ζ
TL/F/9322-22
PrintDate=1996/07/31 PrintTime=11:06:08 ds009322 Rev. No. 1
Proof
22
22
http:\\www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com