Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP8459 Datasheet HTML 2Page - National Semiconductor (TI) DP8459 Datasheet HTML 3Page - National Semiconductor (TI) DP8459 Datasheet HTML 4Page - National Semiconductor (TI) DP8459 Datasheet HTML 5Page - National Semiconductor (TI) DP8459 Datasheet HTML 6Page - National Semiconductor (TI) DP8459 Datasheet HTML 7Page - National Semiconductor (TI) DP8459 Datasheet HTML 8Page - National Semiconductor (TI) DP8459 Datasheet HTML 9Page - National Semiconductor (TI) DP8459 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
allow for an increase in charge pump gain above the level set
by the R
NOMINAL pin. When the HIGH GAIN DISABLE pin
(HGD) is inactive (logical-zero), the R
BOOST
resistor is
electrically paralleled with the R
NOMINAL
for an elevated
charge pump gain. When HIGH GAIN DISABLE is active
(logical-one), only the R
NOMINAL resistor is employed to set the
pump current. The Charge Pump throughput gain is I
CPO = 2x
I
Rp where IRp = 0.25VCC/Rp,Rp = RNOM with HGD high, and
R
p = RNOM||RBOOST with HGD low. The Customer may choose
to configure the system for high gain prior to DP8459 preamble
detection by tying the HGD pin to the PDT output pin, or for
high gain only during REFERENCE CLOCK lock by tying the
HGD pin to the READ GATE pin. Other configurations may be
employed, if desired.
The DP8459 issues a clock waveform from the SYNCHRO-
NIZED CLOCK output which is derived from the REFERENCE
CLOCK input when the READ GATE is inactive (logical-zero),
and from the VCO signal following READ GATE assertion
(logical-one) and completion of the zero phase start sequence.
The
REFERENCE
CLOCK
signal
is
issued
from
the
SYNCHRONIZED CLOCK output during non-Read activity
and may be used as a write clock, if desired. Once data lock is
achieved and the SYNCHRONIZED CLOCK output is issuing
VCO, the SYNCHRONIZED DATA output and the SYNCHRO-
NIZED CLOCK output are held in a fixed, specified timing
relationship for use by decoding/deserializing circuitry. The
SYNCHRONIZED CLOCK output multiplexer switching is
achieved without glitches, i.e., no pulse is narrower than 50%
of the VCO or REFERENCE CLOCK period.
The DP8459 provides a COAST control input which serves to
clear the phase comparator and disable charge pump action
whenever taken to an active, logical-zero level. This function is
made available to allow the PLL to be set to free-run,
undisturbed, while a detectable defect is being read from the
media in a region where re-initiation of the lock procedure is
impractical (e.g., data field). External data controller circuitry is
responsible for the detection of the defect and issuance of the
COAST command. The primary application of this feature is
expected to be optical disk bright-spot avoidance, though it will
lend itself to other applications as well.
As in the previous family of National Semiconductor data
separators/synchronizers,
the
DP8459
provides
phase
comparator activity information to the Customer. The phase
comparator’s pump-up and pump-down outputs are brought
out to separate pins, PUMP UP (PU) and PUMP DOWN (PD).
The outputs are of the open-emitter type, requiring an external
“pull-down” resistor when in active use. These outputs serve to
indicate the relative displacement of the current data bit with
respect to the internal VCO phase (window center). When in
completely stabilized lock with no bit displacement, the
output(s) will issue a pulse of a finite, minimum-valued width
for each arriving data pulse. If any data pulse is displaced with
respect to the VCO phase, the corresponding output pulse will
widen by an amount equivalent to the bit displacement. These
output signals may be integrated over time and employed to
determine
the
average
magnitude
of
media
bit
shift.
Additionally, the pulse widening/narrowing effect bit displace-
ment has on the PU/PD outputs produces an amplitude
modulation of the output’s waveform. The waveform envelope,
when observed with a relatively slow oscilloscope time base,
can be employed for observation of PLL dynamics. This is
particularly useful if intrusive probing of the PLL filter nodes is
not desirable.
It is strongly recommended that the PU/PD outputs be left
“floating” (unconnected to any net or circuit element, including
the output pull-down resistor) in any application where they are
not
specifically
needed.
This
will
serve
to
minimize
unnecessary, spurious digital switching transients in the
vicinity of the DP8459, and thus improve noise performance.
The DP8459 provides a wide operating data rate range to
facilitate use within a broad base of applications, including
multiple data rate systems or constant density recording
(CDR). In order to achieve the specified 250 kbit /sec to 25
Mbit/sec span, the operation of the VCO has been divided into
6 contiguous frequency sub-ranges, with approximately a 2:1
ratio between adjacent range selections. Three inputs are
provided for selecting of the sub-ranges, RANGE SELECT 0, 1
and 2. Some code type restrictions have been placed on the
higher ranges of operating VCO frequency. See
Figure 3 for
the operating data rate truth table and allowed code type
versus VCO range selection.
The DP8459 allows for flexible synchronization window strobe
control. The inputs CONTROL REGISTER DATA (CRD),
CONTROL REGISTER CLOCK (CRC), and CONTROL
REGISTER
ENABLE
(CRE)
are
configured
to
permit
interfacing
of
the
DP8459
to
the
MICROWIRE™
(or
equivalent) bus for entry of strobe information. Information is
serially shifted into the CONTROL REGISTER via the CRD
and CRC pins whenever the CRE pin is active (logical-zero).
When the CRE pin is inactive (logical-one), CRD and CRC are
ignored. The strobe function allows the Customer to shift the
synchronization window in 31 equal steps of magnitude t
S = M
x [1.8% x
τ
VCO] from approximately 27% early to 27% late with
respect to nominal window position. This function may be
employed for margin testing (eg., approximately ±12%)or
error recovery read re-try operations (eg., approximately ±2%
to ±3%). Additionally, this feature allows the Customer to align
the center of the synchronization window to within one half
strobe step of ideal, regardless of the initial performance or
specification of the DP8459. This window centering function
may be performed completely within the drive system itself
(auto-alignment) given the employment of an intelligent
window alignment routine. Such a routine would be configured
to determine the maximum error free early and late window
positions via the strobe function, and then would fix the
DP8459 window in the arithmetic mean position (Section
4.3.3). See
Figure 4 for a window strobe truth table.
Note: In all DP8459 applications, provision must be made to load the
appropriate information into the Control Register.
PrintDate=1996/07/31 PrintTime=11:05:43 ds009322 Rev. No. 1
Proof
6
6
http:\\www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com