Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button DP8459 Datasheet HTML 15Page - National Semiconductor (TI) DP8459 Datasheet HTML 16Page - National Semiconductor (TI) DP8459 Datasheet HTML 17Page - National Semiconductor (TI) DP8459 Datasheet HTML 18Page - National Semiconductor (TI) DP8459 Datasheet HTML 19Page - National Semiconductor (TI) DP8459 Datasheet HTML 20Page - National Semiconductor (TI) DP8459 Datasheet HTML 21Page - National Semiconductor (TI) DP8459 Datasheet HTML 22Page - National Semiconductor (TI) DP8459 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
FIGURE 17. DP8459 in a Typical System Configuration
System constraints:
f
NRZ DATA = 10 Mbit/sec
f
VCO = 20 MHz
f
REFERENCE CLOCK = 20 MHz
Code type = 1⁄2 (2, 7)
N
min = 3 (highest recorded frequency)
N
max = 8 (lowest recorded frequency)
N
preamble = 4(fpreamble = 5 MHz)
Preamble Length = 11 NRZ bytes (ESDI min.) = 8.8 µs
(44 recorded pulses)
Disk formatting = pseudo hard sectored
The DP8459 provides a zero phase start function which
minimizes the initial phase step encountered at the start of
preamble lock acquisition and thus the phase stabilization time
within the preamble is significantly reduced with respect to a
fully random-phase lock sequence. However, the PLL will
encounter a finite frequency step at the start of preamble
acquisition due to variations in disk rotational velocity which
may be as large as ±1% (more pronounced in exchangable
media systems). The lock-in range of the PLL at the time of
preamble acquisition must then be at least ±0.01 x f
preamble.
Given that the PLL lock sequence involves only an adjustment
to a frequency step, the following requirements will be set for
final PLL dynamics within the filter design procedure:
1. Residual phase error
θ
e at the end of the preamble (a full 11
NRZ bytes allowed for PLL stabilization) will be 2 ns or less
(4% of the total synchronization window).
2. The lock-in range
∆ω
L must be at least 1.5 times the
expected frequency step range.
3. The minimum 3 dB bandwidth
ω
−3 dB in the data field must
be twice the expected maximum mechanical vibration
frequency (10 kHz).
4. The natural frequency of the loop
ω
n and damping ratio ζ
will be minimized in the data field in order to achieve a high
level of jitter rejection. (Minimum damping ratio
ζ will be 0.5
(phase margin of 52
˚) for adequate stability).
5. Re-lock time to the REFERENCE CLOCK will be
minimized.
First,
some
definitions
will
be
established.
Regarding
requirement #1, the equations for phase error due to a
frequency step are
1:
θ
e(t) = [ ∆ω/ωn] [1/(1–ζ
2)0.5 sin(1−
ζ2)0.5ω
nt]exp(
−
ζω
nt) for ζ <
1;
θ
e(t) = [ ∆ω/ωn][ωnt]exp(−ωnt) for ζ = 1;
θ
e(t) = [∆ω/ωn] [1/(ζ
2 −1)0.5 sinh (
ζ2 −1)0.5 ω
nt] x exp(−ζωnt)
for
ζ>1.
These equations are plotted in
Figure 18 . The equations for
phase error due to a phase step are
1:
θ
e(t) = ∆θ{ cos (1−ζ
2)0.5
ω
nt
−[
ζ/(1−ζ2)0.5] sin (1−ζ2)0.5 ωnt} exp(−ζω
nt) for ζ<1;
TL/F/9322-19
http:\\www.national.com
19
PrintDate=1996/07/31 PrintTime=11:06:03 ds009322 Rev. No. 1
Proof
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com