Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button DP8459 Datasheet HTML 16Page - National Semiconductor (TI) DP8459 Datasheet HTML 17Page - National Semiconductor (TI) DP8459 Datasheet HTML 18Page - National Semiconductor (TI) DP8459 Datasheet HTML 19Page - National Semiconductor (TI) DP8459 Datasheet HTML 20Page - National Semiconductor (TI) DP8459 Datasheet HTML 21Page - National Semiconductor (TI) DP8459 Datasheet HTML 22Page - National Semiconductor (TI) DP8459 Datasheet HTML 23Page - National Semiconductor (TI) DP8459 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
θ
e(t) = ∆θ[1−ωnt]exp(−ωnt) for ζ = 1;
θ
e(t) = ∆θ {cosh(ζ
2−1)0.5
ω
nt−
[
ζ/(ζ2−1)0.5]sinh(ζ2−1)0.5 ω
nt}exp(−ζωnt) for ζ>1.
(These equations are plotted in
Figure 19 and are supplied for
informational purposes only; an ideal zero phase start function
would not produce a phase step at lock initiation.)
FIGURE 18. Transient Phase-Error Versus the Dimensionless Parameter
ω
nt Due to a Step in Frequency for Various
Loop Damping Factors,
ζ (from Ref. 4 by Permission of L. A. Hoffman)
FIGURE 19. Phase-Error Versus the Dimensionless Parameter
ω
nt Due to a Step inPhase for Various Loop Damping
Factors,
ζ (from Ref. 4 by Permission of L. A. Hoffman)
Note that the phase error
θ
e is measured with respect to the
divided (or gated) VCO phase, i.e., 2
π radians = N/(20 MHz) =
200 ns in this example.
Regarding requirement #2, the lock-in range (with no
cycle-slipping) can be shown to be equal to the open loop
transfer function multiplied by the loop filter impedance
evaluated at infinite frequency
2:
∆ω
L ≈ ±KBZf(s)|s→
∞
TL/F/9322-20
TL/F/9322-21
PrintDate=1996/07/31 PrintTime=11:06:04 ds009322 Rev. No. 1
Proof
20
20
http:\\www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com