Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DP8459 Datasheet HTML 5Page - National Semiconductor (TI) DP8459 Datasheet HTML 6Page - National Semiconductor (TI) DP8459 Datasheet HTML 7Page - National Semiconductor (TI) DP8459 Datasheet HTML 8Page - National Semiconductor (TI) DP8459 Datasheet HTML 9Page - National Semiconductor (TI) DP8459 Datasheet HTML 10Page - National Semiconductor (TI) DP8459 Datasheet HTML 11Page - National Semiconductor (TI) DP8459 Datasheet HTML 12Page - National Semiconductor (TI) DP8459 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
FIGURE 5. Test Conditions and Component Values for Static Window Truncation Testing
The DP8459 VCO is constrained at all times to operate within
a frequency swing of approximately ±50% of the frequency
present at the REFERENCE CLOCK input. Internal frequency
detector/comparator circuitry senses when the VCO overruns
the 50% boundary and forces the charge pump to move the
VCO back toward the REFERENCE CLOCK frequency until
the 50% constraint is again satisfied—thus preventing VCO
runaway in the event of loss of lock or during extended periods
where ENCODED READ DATA is not present. Additionally, this
technique causes the filter node voltage to behave as if a
voltage clamp were present at the Charge Pump Output,
preventing the control voltage, in the event of loss of lock, from
drifting outside of its operating range and inadvertently
extending lock recovery time.
A special test mode feature has been incorporated into the
DP8459 which allows a specific input pin to change function
and act as an excitation source (substitute VCO) for clocking
internal logic circuitry. When the last bit in the CONTROL
REGISTER is taken to a logical ONE, the VCO is stopped, and
the HGD input is redirected to act as a clock source for the
VCO divider circuitry. Additionally, the Delay Line and Timing
Extractor blocks are disabled when the Test Mode is entered,
and thus the device will not function normally and should not
be operated in this mode for purposes other than internal gate
exercising. Further information regarding application of the
Test Mode will be furnished at the Customer’s request: contact
National Semiconductor Logic Marketing Group or Logic
Applications Group.
2.1 Functional Block Description
PULSE GATE
The function of the Pulse Gate within the DP8459 is twofold.
First, the block contains the ECL flip-flop which captures each
arriving ENCODED READ DATA bit and transmits the bit to the
SYNCHRONIZED DATA output. The very high switching
speed of the bit-capture ECL flip-flop minimizes the portion of
window margin loss caused by flip-flop metastability at window
boundaries.
Second,
the
Pulse
Gate
regulates
the
transmission
of
the
VCO
waveform
into
the
Phase
Comparator, allowing only one VCO pulse to pass with each
arriving ENCODED READ DATA pulse. See
Figure 6 for a
simplified logical representation of the Pulse Gate block. The
one-to-one data/VCO pulse ratio produced by the Pulse Gate
permits the multiple-harmonic nature of encoded data to be
accommodated by the phase/frequency comparator. During
the non-Read mode or during the portion of the Read mode
within which the Customer has set the FREQUENCY LOCK
CONTROL pin to a logical-zero (low), the Pulse Gate is
inactive (bypassed) and the VCO frequency is divided as
appropriate
to
match
the
incoming
frequency
source
(ENCODED READ DATA or the REFERENCE CLOCK input).
Code
MFM
MFM
MFM
2,7
2,7
Units
Rate
0.500
2
5
10
20
Mbit/sec
VCO freq.
1
4
10
20
40
MHz
Sync bytes
12
12
12
12
12
bytes
pulses/byte
8
8
8
4
4
flux tran’s
sync length
192
48
19.2
9.6
4.8
µs
sync freq
0.500
2
5
5
10
MHz
N
sync
2
2
2
4
4
none
N
max/Nmin
4/2
4/2
4/2
8/3
8/3
none
ζ
min
0.5
0.5
0.5
0.5
0.5
none
ζ
max
0.7
0.7
0.7
0.8
0.8
none
ζ
sync
0.7
0.7
0.7
0.7
0.7
none
ω
sync
35
144
353
606
1230
Krad/sec
C1
0.5
0.12
0.05
0.018
8200 pF
µF*
R1
82
82
82
150
150
Ω
C2
0.01 µF
2700
1000
510
200
pF
Note 1: Preamble (sync) natural frequency chosen yields phase error
≤ 0.01 radians at sync field end, given a 1% frequency step at READ GATE assertion. Rnom
= Rboost = 2.4k for all above loop filter selections. HGD is tied to RG, FLC is tied to PD and CPO is tied to VCOI as well as to the loop flter components.
Note 2: Component values are listed for purposes of window specification testing and correlation. These values do not necessarily yield optimum performance in
actual system applications. PLL dynamics and code characteristics are presented for Customer information and convenience only. See Section 3.1.
*Unless otherwise noted.
http:\\www.national.com
9
PrintDate=1996/07/31 PrintTime=11:05:48 ds009322 Rev. No. 1
Proof
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com