Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP8459 Datasheet HTML 13Page - National Semiconductor (TI) DP8459 Datasheet HTML 14Page - National Semiconductor (TI) DP8459 Datasheet HTML 15Page - National Semiconductor (TI) DP8459 Datasheet HTML 16Page - National Semiconductor (TI) DP8459 Datasheet HTML 17Page - National Semiconductor (TI) DP8459 Datasheet HTML 18Page - National Semiconductor (TI) DP8459 Datasheet HTML 19Page - National Semiconductor (TI) DP8459 Datasheet HTML 20Page - National Semiconductor (TI) DP8459 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
External Component Selection
Symbol
Parameter
Min
Typ
Max
Units
R
NOM
Charge Pump Nominal Operating
1.2
12
k
Ω
Current Setting Resistor ( Note 1 )
R
BOOST
Charge Pump Boost Current
1.2
∞
k
Ω
Setting Resistor ( Note 1 )
C
NOM
R
NOM Bypass Capacitor (Note 2 )
0.01
µF
C
BOOST
R
BOOST Bypass Capacitor (Note 2 )
0.01
µF
R
PU
PUMP UP Open Emitter Output
510
Ω
Pull-Down Resistor
R
PD
PUMP DOWN Open Emitter Output
510
Ω
Pull-Down Resistor
Note 1: The minimum allowed value for the parallel combination of RNOM and RBOOST is 1.2 kΩ.
Note 2: CNOM and CBOOST should be high quality, high frequency type.
3.0 PLL Applications: Loop Filter Design
In order to maintain greatest design flexibility for the Customer,
all PLL filter components and Charge Pump gain setting
elements reside external to the DP8459. All PLL dynamics are
thus under the control of the system designer. The following is
a brief analysis of the DP8459 PLL; Section 3.1 contains a
derivation
of
component
values
based
on
projected
requirements within an example hard disk drive system.
Figure 16 represents the DP8459 PLL in simplified form.
Mathematical gain representations for each block are:
K
PG = 1/N
Pulse Gate equivalent gain
K
PC = 1/(2π)
Phase Comparator gain
K
CP = VCC/2Rp
Charge Pump gain where R
p = RNOM,
HGD high; R
p = RNOM||RBOOST, HGD low
K
VCO
= 1.2
ω
O
VCO gain (
ω
O
= operating center
frequency)
FIGURE 16. Basic DP8459 Phase Locked Loop Block Diagram
N is defined as the number VCO cycles per recorded
ENCODED READ DATA pulse, or conversely, the ratio of the
VCO frequency to the ENCODED READ DATA frequency. The
aggregate block gain equation (excluding the loop filter) can be
written as:
K
B = 1.2 VCC fO/(2RpN)
The impedance of the loop filter is
The open loop system response G(s) is given by
This last equation reveals the PLL with this filter configuration
is a third order system, which is typically difficult to analyze.
However, if C
2 << C1, it can be argued that the behavior of the
third order loop closely resembles that of a second order
system, allowing for a greatly simplified analysis.
If C
2 << C1, the impedance Z(s) approximates to
The overall open loop gain (including the filter) is then
Substituting K
B into the equation,
τ
1 = RpC1 and τ2 = R1C1 are the pole and zero, respectively,
which govern the system response. The closed loop gain H(s)
is
TL/F/9322-18
http:\\www.national.com
17
PrintDate=1996/07/31 PrintTime=11:06:00 ds009322 Rev. No. 1
Proof
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com