Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP8459 Datasheet HTML 4Page - National Semiconductor (TI) DP8459 Datasheet HTML 5Page - National Semiconductor (TI) DP8459 Datasheet HTML 6Page - National Semiconductor (TI) DP8459 Datasheet HTML 7Page - National Semiconductor (TI) DP8459 Datasheet HTML 8Page - National Semiconductor (TI) DP8459 Datasheet HTML 9Page - National Semiconductor (TI) DP8459 Datasheet HTML 10Page - National Semiconductor (TI) DP8459 Datasheet HTML 11Page - National Semiconductor (TI) DP8459 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
FIGURE 4. Window Strobe Truth Table
Customers who employ the DP8459 in a system without a
MICROWIRE™ (or functionally equivalent) bus configuration
and who wish to fix the synchronization window in the nominal
position while deselecting the test mode need only load
all-zero’s into the Control Register following power-up; this
may be easily achieved in some system configurations
(requiring no additional hardware) by tying CRE to RG, tying
CRC to ERD and tying CRD to ground, providing the
necessary waveforms are present for register loading prior to
the first read operation.
The DP8459 provides two pins for PLL filtering purposes,
CHARGE PUMP OUTPUT (CPO) and VCO INPUT (VCOI).
These provide the Customer with great flexibility in fliter
design, permitting high-order filter functions for optimization of
PLL lock characteristics and bit jitter rejection. For basic 3rd
order applications, CPO and VCOI may be tied together
(single-node) with a simple lead-lag, C||(R+C) filter tied
between these pins and ground. More esoteric filter designs
may be implemented if the pins are electrically separated and
a two-port filter network is established between CPO, VCOI,
and ground. National Semiconductor supplies initial PLL filter
recommendations for the single-node configuration within this
data sheet with the qualifying statement that they are very
general in nature, intended primarily for production testing of
static window margin, and are NOT optimized for any
particular disk system. For optimum performance, the
Customer should pursue a filter design which is individualized
and tailored to the requirements of the specific system
involved. This is particularly true for the two-port filtering
technique. See
Figure 5 for initial single-node filter design
recommendations.
Strobe Bit
Strobe
Window Strobe
43210
Word M
T
S (Typical)
01111
−15
−0.270 x
τ
VCO
01110
−14
−0.252 x
τ
VCO
01101
−13
−0.234 x
τ
VCO
01100
−12
−0.216 x
τ
VCO
01011
−11
−0.198 x
τ
VCO
01010
−10
−0.180 x
τ
VCO
01001
−9
−0.162 x
τ
VCO
01000
−8
−0.144 x
τ
VCO
00111
−7
−0.126 x
τ
VCO
00110
−6
−0.108 x
τ
VCO
00101
−5
−0.090 x
τ
VCO
00100
−4
−0.072 x
τ
VCO
00011
−3
−0.054 x
τ
VCO
00010
−2
−0.036 x
τ
VCO
00001
−1
−0.018 x
τ
VCO
00000
0
0
10000
0
0
10001
1
0.018 x
τ
VCO
10010
2
0.036 x
τ
VCO
10011
3
0.054 x
τ
VCO
10100
4
0.072 x
τ
VCO
10101
5
0.090 x
τ
VCO
10110
6
0.108 x
τ
VCO
10111
7
0.126 x
τ
VCO
11000
8
0.144 x
τ
VCO
11001
9
0.162 x
τ
VCO
11010
10
0.180 x
τ
VCO
11011
11
0.198 x
τ
VCO
11100
12
0.216 x
τ
VCO
11101
13
0.234 x
τ
VCO
11110
14
0.252 x
τ
VCO
11111
15
0.270 x
τ
VCO
PrintDate=1996/07/31 PrintTime=11:05:47 ds009322 Rev. No. 1
Proof
8
8
http:\\www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com