Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP8459 Datasheet HTML 3Page - National Semiconductor (TI) DP8459 Datasheet HTML 4Page - National Semiconductor (TI) DP8459 Datasheet HTML 5Page - National Semiconductor (TI) DP8459 Datasheet HTML 6Page - National Semiconductor (TI) DP8459 Datasheet HTML 7Page - National Semiconductor (TI) DP8459 Datasheet HTML 8Page - National Semiconductor (TI) DP8459 Datasheet HTML 9Page - National Semiconductor (TI) DP8459 Datasheet HTML 10Page - National Semiconductor (TI) DP8459 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
FIGURE 3. Code Type Allowance Versus VCO Frequency Range
RANGE SELECT Input
Equivalent
Minimum N (Allowed Code Type)
( Note 1 )
VCO Range
NRZ Data Rate
2
1
0
MHz
MFM or 2,7
1
2
3
4
(Mbit/sec)
(GCR)
(MFM; 1, N)
(2,7)
(2,7)
1
1
X
0.50
≤ Fvco ≤ 1.25
0.250
≤ Fnrz ≤ 0.625
√√√
√
1
0
1
1.25 < Fvco
≤ 2.5
0.625< Fnrz
≤ 1.25
√√√
√
1
0
0
2.5 < Fvco
≤ 5
1.25< Fnrz
≤ 2.5
√√√
√
01
1
5 < Fvco
≤ 10
2.5< Fnrz
≤ 5
√√√
√
01
0
10 < Fvco
≤ 20
5< Fnrz
≤ 10
N/A
√√
√
00
X
20 < Fvco
≤ 50
10< Fnrz
≤ 25
N/A
√√
√
(Note3)
Note 1: N/A—Not Allowed.
Note 2: Operation slightly beyond listed range boundaries may be acceptable in some applications. At or near range boundaries, range selection should be made
to place the operating frequency near the UPPER boundary; e.g., use RS2 = 0, RS1 = 1, and RS0 = 0 for 10 Mb/s.
Note 3: 20 MHz < Fvco
≤ 38 MHz for 1, N codes.
http:\\www.national.com
7
PrintDate=1996/07/31 PrintTime=11:05:45 ds009322 Rev. No. 1
Proof
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com