Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button DP8459 Datasheet HTML 11Page - National Semiconductor (TI) DP8459 Datasheet HTML 12Page - National Semiconductor (TI) DP8459 Datasheet HTML 13Page - National Semiconductor (TI) DP8459 Datasheet HTML 14Page - National Semiconductor (TI) DP8459 Datasheet HTML 15Page - National Semiconductor (TI) DP8459 Datasheet HTML 16Page - National Semiconductor (TI) DP8459 Datasheet HTML 17Page - National Semiconductor (TI) DP8459 Datasheet HTML 18Page - National Semiconductor (TI) DP8459 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Operating Conditions (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PW-RFC
Width of REFERENCE CLOCK, High or
Low
8ns
t
PW-ERD
Width of ENCODED READ DATA
12 High
ns
18 Low
t
PW-CRE
Width of CONTROL REGISTER ENABLE,
40
ns
High or Low ( Note 2 )
t
SU-CRD
CONTROL REGISTER DATA Set-Up Time
20
ns
with Respect to CRC ( Note 2 )
t
H-CRD
CONTROL REGISTER DATA Hold Time
10
ns
with Respect to CRC ( Note 2 )
t
SU-CRE
CONTROL REGISTER ENABLE Set-Up
Time with Respect to CRC ( Note 2 )
20
ns
t
H-CRE
CONTROL REGISTER ENABLE Hold Time
20
ns
with Respect to CRC ( Note 2 )
t
PW-CRC
CONTROL REGISTER CLOCK Pulse
Width, Positive or Negative ( Note 2 )
40
ns
I
CPIN
Combined R
NOM &RBOOST Input Current
1000
µA
Note 1: PUMP UP and PUMP DOWN outputs have no current sinking capability and thus are excluded from this specification.
Note 2: Parameter guaranteed by correlation to characterization data. No outgoing test performed.
Note 3: Human body model; 120 picofarads through 1.5 k
Ω.
AC Electrical Characteristics
Over recommended V
CC and operating temperature range.
Symbol
Parameter
Min
Typ
Max
Units
t
STOP
SYNC CLOCK Negative Transitions following READ
GATE until Data Lock ZPS Sequence Begins (VCO
Freezes)
23
—
t
RESTART
Positive ENCODED READ DATA Transitions following
2
—
VCO Freeze until VCO Restarts
t
READ ABORT
Number of REF CLOCK Cycles following READ GATE
Deactivation until REF CLOCK Lock ZPS Sequence
4
—
Begins
t
T
Window Truncation (Half Window Loss);
DP8459V-10
10 Mbit/sec (Note 1 )
3% x
τ
VCO
3.0
ns
DP8459V-25
20 Mbit/sec (Note 2 )
4% x
τ
VCO
2.5
ns
φ Linearity
Phase Range for Charge Pump Linearity
±
π
Radians
(wrt VCO)
K
VCO
VCO Gain Constant
1.0
ω
O
1.2
ω
O
1.6
ω
O
Rad/Sec V
f
MAX VCO
VCO Maximum Frequency; RS0 = RS1 = RS2 =
Logical ZERO
70
MHz
t
SD0
Time Skew between SYNC CLOCK Negative Edge
and SYNC DATA Negative Edge
010
ns
t
SD1
Time Skew between SYNC CLOCK Negative Edge
and SYNC DATA Positive Edge
010
ns
t
ZPSR
Zero Phase Start Trigger Bit Targeting Accuracy,
READ GATE Activation (READ) ( Note 4 )
2ns
t
PWPC
Width of PCT, PU or PD Outputs in Fully Stabilized
10
ns
Lock (ERD Free of Jitter); R-Pull-Down = 510
Ω
∆f
VCO/fRFC
Automatic f
VCO Range Limiting
50
http:\\www.national.com
15
PrintDate=1996/07/31 PrintTime=11:05:55 ds009322 Rev. No. 1
Proof
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com