Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP8459 Datasheet HTML 14Page - National Semiconductor (TI) DP8459 Datasheet HTML 15Page - National Semiconductor (TI) DP8459 Datasheet HTML 16Page - National Semiconductor (TI) DP8459 Datasheet HTML 17Page - National Semiconductor (TI) DP8459 Datasheet HTML 18Page - National Semiconductor (TI) DP8459 Datasheet HTML 19Page - National Semiconductor (TI) DP8459 Datasheet HTML 20Page - National Semiconductor (TI) DP8459 Datasheet HTML 21Page - National Semiconductor (TI) DP8459 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Substituting,
The second order characteristic equation can be written as
follows:
s
2 +sK
BR1 +KB/C1 = s
2 +s2
ζω
n + ωn
2
Extracting the component values from these results,
Thus, one is able to select component values in accordance
with specific system requirements, i.e., with given VCO center
frequency (equivalent to REFERENCE CLOCK frequency), R
p
(in either high or low gain mode), N (the ratio of the VCO
frequency to the ENCODED READ DATA frequency), the
desired natural frequency of the loop, and the desired damping
ratio.
The natural frequency and the damping ratio may be extracted
from the component values to determine system behavior
under various conditions (differing data patterns, i.e., varying N
value; high gain or low gain; read or non-read mode):
ω
n = [1.2 VCC fo/2RpNC1)]
0.5
Natural frequency Damping ratio
ζ = ω
n R1C1/2
3.1 2,7 CODE, 10 MBIT/SEC LOOP FILTERDESIGN
EXAMPLE
Initial Requirements and Definitions
This example illustrates a 10 MBit/sec 2,7 hard disk system
employing a 4T preamble field (recorded at 1⁄4 the VCO
frequency, i.e., N = 4). The component derivations are not
meant to produce values which will be optimum for all systems
employing this data rate, code, and preamble type; this
exercise is for exemplary purposes only. (See National
Semiconductor Advanced Peripheral Processing Solutions
Mass Storage Handbook #1, 1986, AN-413, section 3.4, pages
1-43 through 1-48 for additional information regarding disk
system PLL filter design.)
Although the DP8459 provides a frequency acquisition feature
intended for use within the preamble, this design example will
be approached so as to achieve PLL dynamics which will avoid
the cycle-slipping phenomenon frequency-lock action is
normally employed to accommodate. Thus, the design will be
valid both for systems which do employ frequency lock as well
as for those which do not. Advantages gained by the use of
frequency-lock beyond that of extended lock-in range,
however, such as harmonic false lock avoidance and
quadrature lock avoidance, make the use of this feature
strongly advisable even with the intrinsic lock-in range
achieved by design in this example.
The DP8459 is configured here with the FREQ LOCK CON-
TROL input tied to the PREAMBLE DETECTED output, the
HIGH GAIN DISABLE input tied to the READ GATE input, and
the CHARGE PUMP OUTPUT tied to the VCO INPUT pin as
well as to the external loop filter components (see
Figure 17 ).
This establishes self-regulated frequency lock control, READ
GATE regulated Charge Pump gain, and single node loop
filtering.
PrintDate=1996/07/31 PrintTime=11:06:01 ds009322 Rev. No. 1
Proof
18
18
http:\\www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com