Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DP8459 Datasheet HTML 10Page - National Semiconductor (TI) DP8459 Datasheet HTML 11Page - National Semiconductor (TI) DP8459 Datasheet HTML 12Page - National Semiconductor (TI) DP8459 Datasheet HTML 13Page - National Semiconductor (TI) DP8459 Datasheet HTML 14Page - National Semiconductor (TI) DP8459 Datasheet HTML 15Page - National Semiconductor (TI) DP8459 Datasheet HTML 16Page - National Semiconductor (TI) DP8459 Datasheet HTML 17Page - National Semiconductor (TI) DP8459 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
start sequence in correct phase relationship with the
ENCODED READ DATA. Re-assertion (logical zero) of the
FREQUENCY LOCK CONTROL pin within a read operation
(following the normal FLC deassertion after lock is achieved) is
permissible; however, it should be noted that the initial phase
error of the Synchronization Field Matching Divider with
respect to the ENCODED READ DATA at FREQUENCY-
LOCK CONTROL re-assertion may be as large as M x
τ
VCO
in magnitude, possibly resulting in an extended PLL settling
time.
ZERO PHASE START
The function of the zero phase start (ZPS) block is to clear the
Phase Comparator and freeze the VCO in a known phase
when a transition occurs at the READ GATE input (either high
or low), and restart the VCO in a precise, controlled phase with
respect to the newly selected input (ENCODED READ DATA
or REFERENCE CLOCK ÷ 2, respectively). The ZPS circuit
also resets the count state of the Synchronization field
Matching Divider in anticipation of locking to specific preamble
information (when frequency lock is being employed), and
controls
the
operation
of
the
REFERENCE
CLOCK
multiplexer. ZPS operation at READ GATE assertion is aimed
at optimizing initial window alignment and thus minimizing
initial phase step and the resulting phase lock acquisition time.
ZPS is also employed at deassertion of READ GATE;
however, the ZPS phase alignment for the REFERENCE
CLOCK signal at READ GATE deassertion has been made
less stringent than for ENCODED READ DATA at READ GATE
assertion.
PREAMBLE PATTERN DETECTOR
The Preamble Pattern Detector block has a pattern-specific
recognition circuit keyed to search the ENCODED READ
DATA for the pattern selected at the SYNC PATTERN SELECT
inputs. The pattern search begins following the assertion of
READ GATE and the completion of the zero phase start
sequence, and continues until approximately 32 uninterrupted
ENCODED READ DATA pulses of the 1T, 2T or 3T pattern
have been detected, or until 16 uninterrupted ENCODED
READ DATA pulses of the 4T pattern have been detected (see
specification tables). When this event occurs, the PREAMBLE
DETECTED output becomes active high (logical-one). The
output will then remain latched in the high state until READ
GATE is deasserted. The PREAMBLE DETECTED output may
be tied to the HIGH GAIN DISABLE input to regulate the gain
of the PLL during the preamble lock sequence, and/or tied to
the FREQUENCY LOCK CONTROL input for self-regulation
of frequency acquisition in hard or pseudo-hard sectored
systems.
±50% VCO FREQUENCY OFFSET DETECTOR
The Frequency Offset Detector is employed to constrain the
VCO frequency swing, preventing VCO runaway associated
with standard, wide-range voltage controlled oscillators. The
circuitry will sense the relative difference between the
REFERENCE CLOCK frequency and the VCO frequency,
sending a “charge-up” signal to the Charge Pump to correct
the VCO should a limit of approximately −50% in frequency
differential (VCO w.r.t. REF CLOCK) be exceeded, and
sending a “charge-down” signal to the Charge Pump to correct
the VCO should a limit of approximately +50% in frequency
differential be exceeded. The resulting voltage-clamping action
at the filter node(s) also prevents out-of-range control voltage
straying and thus speeds lock recovery.
SYNCHRONIZATION CLOCK OUTPUT MULTIPLEXER
This block issues the VCO signal following READ GATE
assertion and completion of the zero phase start sequence,
and issues the REFERENCE CLOCK input signal when the
READ GATE is deasserted. Multiplexer switching is achieved
without glitches. The output is intended to be used both for
read and write clock purposes. (Please note output loading
recommendations for this pin in Section 6.)
2.2 SPECIFICATION TABLES
Absolute Maximum Ratings
If Military/Aerospace specified devices are required,
please
contact
the
National
Semiconductor
Sales
Office/Distributors for availability and specifications.
Supply Voltage
7V
TTL Inputs
7V
Output Voltages
7V
Input Current
(R
NOM,RBOOST, CPO, VCOI, TEF)
2 mA
Storage Temperature
−65
˚C to +150˚C
Operating Temperature Range
0
˚Cto+70˚C
ESD Susceptibility ( Note 3 )
1500V
Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
CC
Supply Voltage
4.75
5.00
5.25
V
T
A
Ambient Temperature
0
25
70
˚C
I
OH
High Logic Level Output Current
SYNC CLOCK
−2000
µA
Others
−400
I
OL
Low Logic Level Output Current
SYNC CLOCK
20
mA
( Note 1 )
Others
8
V
IH
High Logic Level Input Voltage
2
V
V
IL
Low Logic Level Input Voltage
0.8
V
f
NRZ
Operating Data Rate Range
0.25
25
Mb/s
PrintDate=1996/07/31 PrintTime=11:05:54 ds009322 Rev. No. 1
Proof
14
14
http:\\www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com