Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP8459 Datasheet HTML 1Page - National Semiconductor (TI) DP8459 Datasheet HTML 2Page - National Semiconductor (TI) DP8459 Datasheet HTML 3Page - National Semiconductor (TI) DP8459 Datasheet HTML 4Page - National Semiconductor (TI) DP8459 Datasheet HTML 5Page - National Semiconductor (TI) DP8459 Datasheet HTML 6Page - National Semiconductor (TI) DP8459 Datasheet HTML 7Page - National Semiconductor (TI) DP8459 Datasheet HTML 8Page - National Semiconductor (TI) DP8459 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
1.0 Pin Descriptions (Continued)
Pin #
TTL LEVEL LOGIC OUTPUTS
21
SYNCHRONIZED DATA (SD): A reconstructed replica of the ENCODED READ DATA signal,
time-stabilized and synchronized to the SYNCHRONIZED CLOCK output.
22
PUMP UP (PU): Active HIGH whenever the phase comparator issues a pump-up signal to the charge
pump. The PU pin is an open-emitter output requiring an external passive pull down resistor whenever in
active use. The output should be allowed to float when not needed.
23
PUMP DOWN (PD): Active HIGH whenever the phase comparator issues a pump-down signal to the
charge pump. The PD pin is an open-emitter output requiring an external passive pull down resistor
whenever in active use. The output should be allowed to float when not needed.
ANALOG SIGNAL PINS
28
CHARGE PUMP OUTPUT: The output of the high-speed, switching bi-directional current source circuitry of
the charge pump. The external, passive PLL filter network is established between this pin, the VCO INPUT
pin, and ground.
1
VCO INPUT: The high-impedance control voltage input to the voltage controlled oscillator (VCO). The
external, passive PLL filter network is established between this pin, the CHARGE PUMP OUTPUT pin, and
ground.
2
TIMING EXTRACTOR FILTER: A pin for the connection of external, passive components employed to
stabilize the delay line timing extraction circuitry. Delay accuracy is not a function of external component
values or tolerances.
25
R
NOMINAL: A resistor is tied between this pin and VCC to set the charge pump nominal operating current.
The current is internally multiplied by 2 for charge pump use.
26
R
BOOST: A resistor is tied between this pin and VCC to set the charge pump boost (or adder) current. The
R
BOOST resistor is effectively paralleled with the RNOMINAL resistor when the HIGH GAIN DISABLE input is
inactive (logical-zero); thus the sum of the resistor currents sets the total input current. The input current is
multiplied by 2 within the charge pump circuitry.
Note 1: These pins should always be tied together; they are not intended to be used with separate power supplies.
2.0 Circuit Operation
In the non-Read mode, the DP8459 PLL is locked to the
REFERENCE CLOCK signal. This permits the VCO to remain
at a frequency very close to the encoded data clock rate while
the PLL is “idling” and thus will minimize the frequency step
and associated lock time encountered at the initiation of lock to
ENCODED READ DATA. Frequency acquisition is employed
in the non-Read mode to ensure lock.
Note: The REFERENCE CLOCK signal is employed by circuitry which sets the
time delay of the internal delay line. This requires the REFERENCE CLOCK
signal to be present
at all times at a stable and accurate frequency for proper
DP8459 operation.
At the assertion of READ GATE, which is allowed to be done
asynchronously (no timing requirements), and following the
completion of two subsequent VCO cycles, the DP8459 VCO
is stopped momentarily and restarted in accurate phase
alignment with the second data bit which arrives following the
VCO pause. This minimization of phase misalignment
between the ENCODED READ DATA and the VCO (referred to
as zero phase start, or ZPS) significantly reduces data lock
acquisition time.
The DP8459 incorporates a preamble-specific frequency
acquisition feature which may be employed at the user’s
option.
The
frequency
acquisition
feature
is
intended
specifically for use within hard or pseudo-hard sectored
systems where READ GATE is asserted only within a
preamble. With the READ GATE active (logical-one) and the
FREQUENCY LOCK CONTROL
(FLC)
input
active
(logical-zero), the DP8459 will be forced to lock to the exact
preamble frequency selected at the SYNC PATTERN SELECT
inputs. The frequency discriminating action of the PLL
provided in this mode produces a lock-in range equivalent to
the available VCO operating range and thus eliminates the
possibility of fractional-harmonic lock. Windowing (pulse gate
action; see Pulse Gate, Section 2.1) is not employed in the
frequency acquisition mode and thus quadrature lock is
prevented (see National Semiconductor Application Note
AN-414, APPS Mass Storage Handbook #1, 1986, for an
explanation of typical false lock modes). The DP8459 will
remain in the frequency acquisition mode until the FLC input is
deactivated (logical-one). In ordinary hard sectored or
pseudo-hard sectored operation, the PREAMBLE DETECTED
(PDT) output is tied to the FLC input for automatic switching
from frequency acquisition to phase lock following internal
detection of the selected preamble by the DP8459. The
Customer may choose to intervene in this path and extend the
frequency lock period. However, the DP8459
must be placed
in the phase lock mode (FLC deactivated—logical-one) prior
to encountering the end of the preamble, or loss of lock will
result.
Switching
of
the
FLC
input
may
be
done
asynchronously (no set-up or hold timing requirements).
The PREAMBLE DETECTED (PDT) output will become active
(logical-one) following READ GATE assertion, completion of
the
ZPS
sequence
and
the
subsequent
detection
of
approximately 32 ENCODED READ DATA (ERD) pulses of the
1T, 2T or 3T preamble types, or 16 ENCODED READ DATA
(ERD) pulses of the 4T preamble type (see specification
tables), and will remain active (logical-one) until deassertion of
READ GATE.
The Customer has the option of employing an elevated PLL
bandwidth during preamble acquisition (or at any other time)
for an extended capture range. An R
BOOST pin is provided to
http:\\www.national.com
5
PrintDate=1996/07/31 PrintTime=11:05:41 ds009322 Rev. No. 1
Proof
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com