Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP8459 Datasheet HTML 1Page - National Semiconductor (TI) DP8459 Datasheet HTML 2Page - National Semiconductor (TI) DP8459 Datasheet HTML 3Page - National Semiconductor (TI) DP8459 Datasheet HTML 4Page - National Semiconductor (TI) DP8459 Datasheet HTML 5Page - National Semiconductor (TI) DP8459 Datasheet HTML 6Page - National Semiconductor (TI) DP8459 Datasheet HTML 7Page - National Semiconductor (TI) DP8459 Datasheet HTML 8Page - National Semiconductor (TI) DP8459 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
DP8459 All-Code Data Synchronizer
General Description
The DP8459 Data Synchronizer is an integrated phase
locked loop circuit which has been designed for application
in magnetic hard disk, flexible (floppy) disk, optical disk, and
tape drive memory systems for data re-synchronization and
clock recovery with any standard recording code, operating
to 25 Mb/s. The DP8459 is provided in a 28-pin PCC
package. Zero phase start is employed during both data and
reference clock lock sequences for rapid acquisition. An
optional
(Customer-controlled)
synchronization
field
frequency-acquisition feature guarantees lock, accommo-
dating the preamble types used with GCR (Group Code
Recording), MFM (Modified Frequency Modulation), the
[1,N] run length limited (RLL) codes, and either of the
standard 2,7 RLL codes. Precise synchronization window
generation is achieved via an internal, self-aligning delay line
which remains accurate independent of temperature, power
supply, external component and IC process variations. The
DP8459 also incorporates a digitally controlled ( MICROW-
IRE™ bus compatible) strobe function with 5-bit resolution
which allows for margin testing, error recovery routines, and
precise window calibration. The PLL filter resides external to
the chip, with two ports provided to allow significant design
flexibility. Synchronization pattern detection circuitry issues a
PREAMBLE DETECTED signal when a pre-determined
length of the user-selected pattern is encountered. All digital
input and output signals are TTL compatible and a single,
+5V power supply is required. The DP8459V is offered as a
DP8459V-10
(250
Kbit/sec
thru
10
Mbits/sec)
or
DP8459V-25 (250 Kbits/sec thru 25 Mbit/sec), see AC
Electrical Characteristics.
Features
n
Fully integrated dual-gain PLL
n
Zero phase start lock sequence
n
250 Kbit/sec–25 Mbit/sec data rate range
n
Frequency lock capability (optional) for all standard
recording codes
n
Digital window strobe control, 5-bit resolution
n
Two-port PLL filter network
n
PLL free-run (Coast) control for optical disk defects
n
Synchronization pattern (preamble lock) detection
n
Non-glitching multiplexed read/write clock output
n
+5V supply
n
DP8459 supplied in 28-pin plastic chip carrier (PCC)
and 40-pin TapePak packages
Connection Diagrams
FIGURE 1. DP8459 in 28-Pin Plastic Chip Carrier (PCC) V-Type Package Order Number DP8459V-10 or DP8459V-25
TapePak® is a registered trademark of National Semiconductor Corporation.
MICROWIRE™ is a trademark of National Semiconductor Corporation.
TL/F/9322-6
ADVANCED
December 1995
© 1996 National Semiconductor Corporation
TL/F/9322
http:\\www.national.com
1
PrintDate=1996/07/31 PrintTime=11:05:38 ds009322 Rev. No. 1
Proof
1


Similar Part No. - DP8459

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8402A NSC-DP8402A Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8402AD NSC-DP8402AD Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8402AV NSC-DP8402AV Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8403 NSC-DP8403 Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
DP8403D NSC-DP8403D Datasheet
319Kb / 18P
DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
More results

Similar Description - DP8459

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8552AFN TOSHIBA-TA8552AFN Datasheet
535Kb / 15P
PLL DATA SYNCHRONIZER FOR DAT STREAMER
logo
Mitel Networks Corporat...
MT9042C MITEL-MT9042C Datasheet
113Kb / 28P
Multitrunk System Synchronizer
logo
Zarlink Semiconductor I...
MT9040 ZARLINK-MT9040 Datasheet
424Kb / 27P
T1/E1 Synchronizer
MT9043 ZARLINK-MT9043 Datasheet
453Kb / 29P
T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100_06 Datasheet
384Kb / 36P
T1/E1 System Synchronizer
logo
List of Unclassifed Man...
D32124000 ETC2-D32124000 Datasheet
79Kb / 2P
Synchronizer Module
logo
Toshiba Semiconductor
TA8552AFN TOSHIBA-TA8552AFN_02 Datasheet
283Kb / 16P
PLL Data Synchronizer For DAT Streamer
logo
Radiometrix Ltd
KTX2 RADIOMETRIX-KTX2 Datasheet
234Kb / 8P
UHF FM Code-Hopping Data Transmitter Module
logo
Micrel Semiconductor
SY58052U MICREL-SY58052U_10 Datasheet
172Kb / 8P
ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT
logo
Radiometrix Ltd
KTX2 RADIOMETRIX-KTX2_12 Datasheet
395Kb / 8P
UHF FM Code-Hopping Data Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com