Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP8459 Datasheet HTML 12Page - National Semiconductor (TI) DP8459 Datasheet HTML 13Page - National Semiconductor (TI) DP8459 Datasheet HTML 14Page - National Semiconductor (TI) DP8459 Datasheet HTML 15Page - National Semiconductor (TI) DP8459 Datasheet HTML 16Page - National Semiconductor (TI) DP8459 Datasheet HTML 17Page - National Semiconductor (TI) DP8459 Datasheet HTML 18Page - National Semiconductor (TI) DP8459 Datasheet HTML 19Page - National Semiconductor (TI) DP8459 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
AC Electrical Characteristics (Continued)
Over recommended V
CC and operating temperature range.
Symbol
Parameter
Min
Typ
Max
Units
t
HOLD
SYNC CLOCK Rest Period (Logical One) at Assertion
or De-Assertion of READ GATE
1
⁄2
3T
VCO
t
PDT
SCK Negative Edge to PREAMBLE DETECTED
Positive Edge at End of Detection Sequence
25
ns
L
PDT1
Length of Valid 1T Preamble Pattern Required for
Occurrence of PREAMBLE DETECTED
33
34
35
ERD
Pulses
L
PDT2
Length of Valid 2T Preamble Pattern Required for
Occurrence of PREAMBLE DETECTED
32
33
34
ERD
Pulses
L
PDT3
Length of Valid 3T Preamble Pattern Required for
Occurrence of PREAMBLE DETECTED
31
32
33
ERD
Pulses
L
PDT4
Length of Valid 4T Preamble Pattern Required for
Occurrence of PREAMBLE DETECTED
15
16
17
ERD
Pulses
t
S
Window Strobe Time Step (M = Hex Value of Bits 0–3
in CONTROL REGISTER; Bit 4 = Sign Bit)
M x (1.8%)
xt
RFC
ns
t
RFC–SCK1
Positive Transition Propagation Delay from
REF CLOCK INPUT to SYNC CLOCK OUTPUT,
15
ns
READ GATE Low
t
RFC–SCK0
Negative Transition Propagation Delay from
REF CLOCK INPUT to SYNC CLOCK OUTPUT,
15
ns
READ GATE Low
Note 1: The DP8459V-10 static window specification, tT, applies only to the factory-tested 2,7-code data rate of 10 Mb/s (with RS0,1,2 = 010) and with the
component values as listed in Figures 5 and 10, test configuration as shown in Figure 23, test procedure as shown in Figure 24, and strobe word M = −2. Significant
variation in tT as a percentage of the VCO period due to the use of other filters and data rates is not expected.
Note 2: The DP8459V-25 static window specification, tT, incorporates the DP8459V-10 window specification and, in addition, the factory-tested 2,7-code data rate
of 20 Mb/s (with RS0, 1, 2, = 000), with the component values as listed in Figures 5 and 10, test configuration as shown in Figure 23, test procedure as shown in
Figure 24, and strobe word M = −3. Significant variation in tT as a percentage of the VCO period due to the use of other filters and data rates is not expected.
Note 3: IIN = VCC/(4xRIN). RIN = RNOM (HGD High) or RNOM||RBOOST (HGD Low).
Note 4: tZPSR (ZPS Read) gauges the accuracy with which the ZPS circuitry aligns the VCO to the triggering ERD bit internally (i.e., initial phase step) at the
completion of a ZPS operation following READ GATE assertion.
DC Electrical Characteristics Over recommended operating temperature range.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IC
Input Clamp Voltage
V
CC = Min, II = −18 mA
−1.5
V
V
OH
High Level Output Voltage
V
CC = Min, IOH = Max
V
CC−2V
V
CC−1.6V
V
V
OL
Low Level Output Voltage ( Note 4 )
V
CC = Min, IOL = Max
0.5
V
I
IH
High Level Input Current
V
CC = Max, VI = 2.7V
20
µA
I
IL
Low Level Input Current
V
CC = Max, VI = 0.4V
−200
µA
I
O
Output Drive Current ( Note 1 )
V
CC = Max, VO = 2.125V
−12
−110
mA
I
CPO
Charge Pump Output Current (K1)
100
≤ I
Rp ≤ 1000 (Note 2 )
1.7 I
Rp
2.0 I
Rp
2.5 I
Rp
µA
I
CPO-OFF
Charge Pump Output Inactive Current
100
≤ I
Rp ≤ 1000 (Note 2 )
−0.85
+0.85
µA
I
VCOI
VCOI Offset Current
VCOI Voltage 1.5V
−0.25
+0.25
µA
V
RNOM
Voltage across R-NOM Resistor
1.2 k
Ω≤ R-NOM ≤ 12 kΩ
Typ.
−18%
0.26 V
CC
Typ.
+18%
V
V
RBST
Voltage across R-BOOST Resistor
1.2 k
Ω≤ R-BOOST ≤ 12
k
Ω
Typ.
−18%
0.26 V
CC
Typ.
+18%
V
I
CC1
Supply Current, Nominal Strobe
V
CC = Max (Note 3 )
190
mA
Note 1: This value has been chosen to produce a current that closely approximates one-half of the true short-circuit output current, IOS.
Note 2: IRp = INOM +IBOOST.
Note 3: ICC1 is measured with the window strobe set at nominal timing (Strobe Bits 0 through 5 = 0,0,0,0,0,0); VCO operating at maximum allowed frequency within
any given range selection. ICC typically increases by 30 mA when the strobe is set at the maximum early position (M = −15). This is not a linear increase per step.
Most of the increase occurs as the −15 step is approached. ICC decreases as the window is moved late.
Note 4: PUMP UP and PUMP DOWN outputs have no current sinking capability and thus are excluded from this specification.
PrintDate=1996/07/31 PrintTime=11:05:57 ds009322 Rev. No. 1
Proof
16
16
http:\\www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com