Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button DP8459 Datasheet HTML 24Page - National Semiconductor (TI) DP8459 Datasheet HTML 25Page - National Semiconductor (TI) DP8459 Datasheet HTML 26Page - National Semiconductor (TI) DP8459 Datasheet HTML 27Page - National Semiconductor (TI) DP8459 Datasheet HTML 28Page - National Semiconductor (TI) DP8459 Datasheet HTML 29Page - National Semiconductor (TI) DP8459 Datasheet HTML 30Page - National Semiconductor (TI) DP8459 Datasheet HTML 31Page - National Semiconductor (TI) DP8459 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
expected, or where strong electric or magnetic fields may
be present. The lowest ambient noise region of the board
should be chosen for device location.
12. If device socketing is desired, a low-profile, low mutual
capacitance, low resistance, forced-insertion socket type
should be employed.
13. Wire-wrapping should not be employed, even in an
evaluation set-up.
14. Capacitors used for the loop filter, the Timing Extractor
filter, and all bypassing purposes should be ultra-stable
monolithic ceramic capacitors or equivalent timing quality
capacitors. Silver-mica capacitors should be employed for
values 1000 pF and below.
15. In order to achieve very close proximity of passive
components to the DP8459 device, it is acceptable to
have axial-lead resistors standing upright; however, the
shorter component lead should be connected to the
device pins to obviate noise induction into sensitive
nodes.
7.0 Application Support
It is National Semiconductor’s policy to offer and maintain a
high level of direct Customer support on all of its mass storage
products. National’s experience in supporting the disk data
memory industry has allowed the DP8459 to be designed to
directly address the unique challenges of serial data
synchronization within the areas of magnetic and optical media
data storage and local area networks, facilitating straightfor-
ward use of the device in a diverse range of applications. In the
event that questions arise regarding the use of the DP8459 or
any other associated NSC mass storage device, the Customer
is encouraged to contact the Logic Applications Group or Logic
Marketing Group at
National Semiconductor Corporation
2900 Semiconductor Drive
P.O. Box 58090
Santa Clara, CA 95052-8090
Telephone (408) 721-5000
FIGURE 25. Zero Phase Start Lock Acquistion Sequence and Start of Preamble Detection; Frequency Lock Employed,
4T Pattern
TL/F/9322-26
PrintDate=1996/07/31 PrintTime=11:06:14 ds009322 Rev. No. 1
Proof
28
28
http:\\www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com