Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 37 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 37 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 33Page - Texas Instruments TUSB5052PZ Datasheet HTML 34Page - Texas Instruments TUSB5052PZ Datasheet HTML 35Page - Texas Instruments TUSB5052PZ Datasheet HTML 36Page - Texas Instruments TUSB5052PZ Datasheet HTML 37Page - Texas Instruments TUSB5052PZ Datasheet HTML 38Page - Texas Instruments TUSB5052PZ Datasheet HTML 39Page - Texas Instruments TUSB5052PZ Datasheet HTML 40Page - Texas Instruments TUSB5052PZ Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
5−3
5.5
USBMSK: USB Interrupt Mask Register
RSTR
SUSR
RESR
UR2RI
UR1RI
SETUP
WAKEUP
STPOW
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
STPOW
0
SETUP overwrite interrupt-enable bit
STPOW = 0 STPOW interrupt disabled
STPOW = 1 STPOW interrupt enabled
1
WAKEUP
0
Remote wake-up interrupt enable bit
WAKEUP = 0 WAKEUP interrupt disable
WAKEUP = 1 WAKEUP interrupt enable
2
SETUP
0
SETUP interrupt enable bit
SETUP = 0 SETUP interrupt disabled
SETUP = 1 SETUP interrupt enabled
3
UR1RI
0
UART 1 RI interrupt enable bit
UR1RI = 0 UR1RI interrupt disabled
UR1RI = 1 UR1RI interrupt enabled
4
UR2RI
0
UART 2 RI interrupt enable bit
UR1RI = 0 UR1RI interrupt disabled
UR1RI = 1 UR1RI interrupt enabled
5
RESR
0
Function resume interrupt enable bit
RESR = 0 Function resume interrupt disabled
RESR = 1 Function resume interrupt enabled
6
SUSR
0
Function suspend interrupt enable
FSUSP = 0 Function suspend interrupt disabled
FSUSP = 1 Function suspend interrupt enabled
7
RSTR
0
Function reset interrupt bit. This bit is not affected by USB function reset.
FRST = 0 Function reset interrupt disabled
FRST = 1 Function reset interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com