Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 45 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 45 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 41Page - Texas Instruments TUSB5052PZ Datasheet HTML 42Page - Texas Instruments TUSB5052PZ Datasheet HTML 43Page - Texas Instruments TUSB5052PZ Datasheet HTML 44Page - Texas Instruments TUSB5052PZ Datasheet HTML 45Page - Texas Instruments TUSB5052PZ Datasheet HTML 46Page - Texas Instruments TUSB5052PZ Datasheet HTML 47Page - Texas Instruments TUSB5052PZ Datasheet HTML 48Page - Texas Instruments TUSB5052PZ Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 82 page
background image
6−3
6.1.2
DMACSR[2:1]: DMA Control and Status Register (2 UART Transmit Channels)
This register is used to define the transaction time-out value. In addition, it contains a completion code that reports
any errors or a time-out condition. Note that the XY bit sets XYO/XYI in the DMACDR5 register.
RSV
RSV
RSV
XY
RSV
RSV
RSV
PPKT
7
6
5
4
32
10
R/O
R/O
R/O
R/W
R/O
R/O
R/O
R/C
BIT
NAME
RESET
FUNCTION
0
PPKT
0
Partial packet condition bit. This bit is set by the DMA and cleared by the MCU (see Table 6−2).
PPKT = 0
No partial-packet condition
PPKT = 1
Partial-packet condition detected. When IEN = 0, this bit does not clear the EN bit in DMACDR;
therefore, the DMAC stays enabled, ready for the next transaction. Clears when MCU writes a 1.
Writing a 0 has no effect.
7−1
RSV
0
Reserved = 0
Table 6−2. DMA OUT-Termination Condition
OUT-TERMINATION
TXFT
PPKT
COMMENTS
UART partial packet
0
1
This condition occurs when the host sends a partial packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com