Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 69 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 69 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 65Page - Texas Instruments TUSB5052PZ Datasheet HTML 66Page - Texas Instruments TUSB5052PZ Datasheet HTML 67Page - Texas Instruments TUSB5052PZ Datasheet HTML 68Page - Texas Instruments TUSB5052PZ Datasheet HTML 69Page - Texas Instruments TUSB5052PZ Datasheet HTML 70Page - Texas Instruments TUSB5052PZ Datasheet HTML 71Page - Texas Instruments TUSB5052PZ Datasheet HTML 72Page - Texas Instruments TUSB5052PZ Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
10−3
6.
The content of the I2CADR register is transmitted to EEPROM (preceded by start condition on SDA).
7.
The contents of the I2CDAO register are transmitted to EEPROM (EEPROM address).
8.
TxE bit in the I2CSTA register is set and interrupts the MCU, indicating that the I2CDAO register has been
transmitted.
9.
Stop condition is not generated.
10.2.2 EEPROM [Low-byte]
1.
MCU writes the low-byte of the EEPROM address into the I2CDAO register.
2.
TxE bit in the I2CSTA register is cleared (indicates busy).
3.
The contents of the I2CDAO register are transmitted to the device (EEPROM address).
4.
TxE bit in the I2CSTA register is set and interrupts the MCU, indicating that the I2CDAO register has been
transmitted.
5.
This completes the dummy write operation. At this point, the E2ROM address is set and the MCU can do
either a single- or a sequential-read operation.
10.3 Current-Address Read Operation
Once the EEPROM address is set, the MCU can read a single byte by executing the following steps:
1.
MCU sets I2CSTA[SRD] = 1. This forces the I2C controller to generate a stop condition after the
I2CDAI-register contents are received.
2.
MCU writes the device address (R/W bit = 1) to the I2CADR register (read operation).
3.
MCU writes a dummy byte to the I2CDAO register (this starts the transfer on the SDA line).
4.
RxF bit in the I2CSTA register is cleared.
5.
Contents of the I2CADR register are transmitted to the device (preceded by start condition on SDA).
6.
Data from EEPROM are latched into the I2CDAI register (stop condition is transmitted).
7.
RxF bit in the I2CSTA register is set and interrupts the MCU, indicating that the data are available.
8.
MCU reads the I2CDAI register. This clears the RxF bit (I2CSTA[RxF] = 0).
9.
End
10.4 Sequential Read Operation
Once the EEPROM address is set, the MCU can execute a sequential read operation by executing the following steps
(this example illustrates a 32-byte sequential read):
10.4.1 Device Address
1.
MCU sets I2CSTA[SRD] = 0. This forces the I2C controller not to generate a stop condition after the I2CDAI
register contents are received.
2.
MCU writes the device address (R/W bit = 1) to the I2CADR register (read operation).
3.
MCU writes a dummy byte to the I2CDAO register (this starts the transfer on the SDA line).
4.
RxF bit in the I2CSTA register is cleared.
5.
The contents of the I2CADR register are transmitted to the device (preceded by start condition on SDA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com