Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 38 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 38 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 34Page - Texas Instruments TUSB5052PZ Datasheet HTML 35Page - Texas Instruments TUSB5052PZ Datasheet HTML 36Page - Texas Instruments TUSB5052PZ Datasheet HTML 37Page - Texas Instruments TUSB5052PZ Datasheet HTML 38Page - Texas Instruments TUSB5052PZ Datasheet HTML 39Page - Texas Instruments TUSB5052PZ Datasheet HTML 40Page - Texas Instruments TUSB5052PZ Datasheet HTML 41Page - Texas Instruments TUSB5052PZ Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
5−4
5.6
USBCTL: USB Control Register
Unlike the rest of the registers, this register is cleared by the power-up-reset signal only. The USB reset cannot reset
this register (see Figure 5−1).
CONT
U1/2
RWUP
FRSTE
RSV
B/S
SIR
DIR
7
6
5
4
32
10
R/W
R/O
R/W
R/W
R/O
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
DIR
0
As a response to a setup packet, the MCU decodes the request and sets/clears this bit to reflect the data transfer
direction.
DIR = 0 USB data-OUT transaction (from host to TUSB5052).
DIR = 1 USB data-IN transaction (from TUSB5052 to host).
1
SIR
0
SETUP interrupt-status bit. This bit is controlled by the MCU to indicate to the hardware when the SETUP interrupt
is being served.
SIR = 0
SETUP interrupt is not served. The MCU clears this bit before exiting the SETUP interrupt routine.
SIR = 1
SETUP interrupt is in progress. The MCU sets this bit when servicing the SETUP interrupt.
2
BS
0
BS = 0 Bus-powered hub
BS = 1 Self-powered hub
3
RSV
0
Reserved
4
FRSTE
1
Function reset-connection bit. This bit connects/disconnects the USB function reset to/from the MCU reset.
FRSTE =0 Function reset is not connected to MCU reset.
FRSTE =1 Function reset is connected to MCU reset.
5
RWUP
0
Device remote wake-up request. This bit is set by the MCU and is cleared automatically.
RWUP = 0
Writing a 0 to this bit has no effect.
RWUP = 1
When MCU writes a 1, a remote wake-up pulse is generated.
6
U1/2
0
USB hub version
U1/2 = 0 This is a USB1.x hub.
U1/2 = 1 This is a USB2.x hub.
7
CONT
0
Connect/disconnect bit
CONT = 0 Upstream port is disconnected. Pullup disabled
CONT = 1 Upstream port is connected. Pullup enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com