Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 68 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 68 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 64Page - Texas Instruments TUSB5052PZ Datasheet HTML 65Page - Texas Instruments TUSB5052PZ Datasheet HTML 66Page - Texas Instruments TUSB5052PZ Datasheet HTML 67Page - Texas Instruments TUSB5052PZ Datasheet HTML 68Page - Texas Instruments TUSB5052PZ Datasheet HTML 69Page - Texas Instruments TUSB5052PZ Datasheet HTML 70Page - Texas Instruments TUSB5052PZ Datasheet HTML 71Page - Texas Instruments TUSB5052PZ Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
10−2
10.1.2 I2CADR: I2C Address Register
This register holds the device address and the read/write command bit.
A6
A5
A4
A3
A2
A1
A0
R/W
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
R/W
0
Read/write command bit
R/W = 0 Write operation
R/W = 1 Read operation
7−1
A[6:0]
0h
Seven address bits for device addressing
10.1.3 I2CDAI: I2C Data-Input Register
This register holds the received data from an external device.
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
32
10
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
7−0
D[7:0]
0
8-bit input data from an I2C device
10.1.4 I2CDAO: I2C Data-Output Register
This register holds the data to be transmitted to an external device. Writing to this register starts the transfer on the
SDA line.
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
32
10
W/O
W/O
W/O
W/O
W/O
W/O
W/O
W/O
BIT
NAME
RESET
FUNCTION
7−0
D[7:0]
0
8-bit output data to an I2C device
10.2 Random-Read Operation
A random read requires a dummy byte-write sequence to load in the data word address. Once the device-address
word and the data-word address are clocked out and acknowledged by the device, the MCU starts a current-address
sequence. The following describes the sequence of events to accomplish this transaction:
10.2.1 Device Address + EEPROM [High-Byte]
1.
MCU sets I2CSTA[SRD] = 0. This forces the I2C controller not to generate a stop condition after the contents
of the I2CDAI register are received.
2.
MCU sets I2CSTA[SWR] = 0. This forces the I2C controller not to generate a stop condition after the contents
of the I2CDAO register are transmitted.
3.
MCU writes the device address (R/W bit = 0) to the I2CADR register (write operation).
4.
MCU writes the high byte of the EEPROM address into the I2CDAO register (this starts the transfer on the
SDA line).
5.
TxE bit in the I2CSTA register is cleared (indicates busy).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com