Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 64 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 64 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 60Page - Texas Instruments TUSB5052PZ Datasheet HTML 61Page - Texas Instruments TUSB5052PZ Datasheet HTML 62Page - Texas Instruments TUSB5052PZ Datasheet HTML 63Page - Texas Instruments TUSB5052PZ Datasheet HTML 64Page - Texas Instruments TUSB5052PZ Datasheet HTML 65Page - Texas Instruments TUSB5052PZ Datasheet HTML 66Page - Texas Instruments TUSB5052PZ Datasheet HTML 67Page - Texas Instruments TUSB5052PZ Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
9−2
9.1.3
IEPINT: Input Endpoint Interrupt Request Register
E7
E6
E5
E4
E3
E2
E1
E0
7
6
5
4
32
10
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
7−0
E[7:0]
0
These bits indicate which input endpoint interrupt is pending (IEP 7−0)
E[n] = 0
No interrupt pending (n = 7:0).
E[n] = 1
Indicates that the corresponding endpoint generated an interrupt. This is set by the hardware and is
cleared when the MCU writes to the VECINT register.
9.1.4
OEPINT: Output Endpoint Interrupt Request Register
E7
E6
E5
E4
E3
E2
E1
E0
7
6
5
4
32
10
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
7−0
E[7:0]
0
These bits indicate which input endpoint interrupt is pending (OEP 7−0).
E[n] = 0
No interrupt pending
E[n] = 1
Indicates that the corresponding endpoint generated an interrupt. This is set by the hardware and is
cleared when the MCU writes to the VECINT register.
9.1.5
VECINT: Vector Interrupt Register
This register contains a vector value, which identifies the internal interrupt source that trapped to location 0003H.
Writing (any value) to this register removes the vector and updates the next vector value (if another interrupt is
pending). Note that the vector value is offset; therefore, its value is in increments of two (bit-0 is set to 0). When no
interrupt is pending, the vector is set to 00h (see Table 9−2). As shown, the interrupt vector is divided to two fields:
I[2:0] and G[3:0]. The I-field defines the interrupt source within a group (on a first-come-first-served basis). In the
G-field, which defines the group number, group G0 is the lowest, and G15 is the highest, priority.
G3
G2
G1
G0
I2
I1
I0
0
7
6
5
4
32
10
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
0
RSV
0
Reserved
3−1
I[2:0]
000b
This field defines the interrupt source in a given group (see Table 9−2). Bit-0 = 0 always; therefore, vector values
are offset by two.
7−4
G[3:0]
0x0
This field defines the interrupt group. I[2:0] and G[3:0] combine to produce the actual interrupt vector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com