Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 40 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 40 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 36Page - Texas Instruments TUSB5052PZ Datasheet HTML 37Page - Texas Instruments TUSB5052PZ Datasheet HTML 38Page - Texas Instruments TUSB5052PZ Datasheet HTML 39Page - Texas Instruments TUSB5052PZ Datasheet HTML 40Page - Texas Instruments TUSB5052PZ Datasheet HTML 41Page - Texas Instruments TUSB5052PZ Datasheet HTML 42Page - Texas Instruments TUSB5052PZ Datasheet HTML 43Page - Texas Instruments TUSB5052PZ Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
5−6
5.8
HUBCNF2: Hub-Configuration-2 Register
This register is cleared by the power-up-reset signal only. The USB-reset cannot reset this register.
PWRSW
RSV
P6.1
P6.0
RSV
RSV
P5A
P5E
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/O
R/O
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
P5E
0
Hub port-5. Enable/disable control bit
P5E = 0 Port-5 is disabled.
P5E = 1 Port-5 Is enabled.
1
P5A
0
Hub port-5. Permanent-attachment control bit
P5A = 0 > Port-5 is connected to a removable function.
P5A = 1
Port-5 is connected to a permanent-attachment function.
3−2
RSV
0
Reserved = 0
5−4
P6[1:0]
00b
Hub port-6. Embedded-function control field
00b = Port-6 is disabled (does not exist).
01b = Port-6 is permanently attached.
10b = Port-6 is connected to a removable function, but is not attached.
11b = Port-6 is connected to a removable function, and is attached.
6
RSV
0
Reserved =0
7
PWRSW
0
Power switch control bit
PWRSW = 0 Not available
PWRSW = 1 Available
5.9
HUBPOTG: Hub Power-On to Power-Good Descriptor Register
This register is cleared by the power-up-reset signal only. The USB reset cannot reset this register.
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7
D[7:0]
0
Offset-5 in hub descriptor table
Time (in 2 ms intervals) from the time the power-on sequence begins on a port until power is good on that port
(11.15.2.1 Hub Descriptor in the USB 1.1 specification)
5.10 HUBPIDL: Hub-PID Register (Low-Byte)
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7
D[7:0]
0
Hub PID low-byte value
5.11 HUBPIDH: Hub-PID Register (High-Byte)
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7
D[7:0]
0
Hub PID high-byte value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com