Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 7Page - Texas Instruments TUSB5052PZ Datasheet HTML 8Page - Texas Instruments TUSB5052PZ Datasheet HTML 9Page - Texas Instruments TUSB5052PZ Datasheet HTML 10Page - Texas Instruments TUSB5052PZ Datasheet HTML 11Page - Texas Instruments TUSB5052PZ Datasheet HTML 12Page - Texas Instruments TUSB5052PZ Datasheet HTML 13Page - Texas Instruments TUSB5052PZ Datasheet HTML 14Page - Texas Instruments TUSB5052PZ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
2−1
2 Main Features
2.1
General Features
•
Fully compliant with USB release 1.1 specifications
•
Supports 12-Mbps USB data rate (full speed)
•
Supports USB suspend and resume operations
•
One upstream port and five downstream ports (full and low speed)
•
Can support a total of 8 input endpoints and 8 output endpoints
•
Dual-enhanced UARTs
•
Integrated 8052 microcontroller with
−
256
× 8 RAM for internal data
−
6K
× 8 ROM (with USB and I2C boot loader)
−
16K
× 8 RAM for code space. Totally loadable from host or I2C port.
−
2K
× 8 synchronous RAM used for data buffers and EDBs
−
Two 8052 GPIO ports, Port-1 and Port-3
−
Master I2C controller for external device accesses.
•
Supports external microcontroller interface for development ease
•
Built-in four-channel DMA controller for USB/UART bulk I/O
•
Operates from a 6-MHz crystal. On-chip PLL generates 48/24 MHz and 7.384615 MHz for internal
baud-rate generator
•
Power-down mode
•
Available in 100-pin TQFP
•
3.3/5-V operation
Figure 2−1 is a block diagram showing the major functional areas of the TUSB5052.
2.2
Enhanced UART Features
•
Software/hardware flow control
−
Programmable Xon/Xoff characters
−
Programmable auto-RTS/DTR and auto-CTS/DSR
•
Automatic RS485-bus transceiver control, with and without echo
•
Software selectable baud rate from 50 to 460,800 baud
•
Programmable serial-interface characteristics
−
5-, 6-, 7- or 8-bit characters
−
Even, odd, or no parity-bit generation and detection
•
1, 1.5 or 2 stop-bit generation
•
Line break generation and detection
•
Internal test and loop-back capabilities
•
Modem-control functions (CTS, RTS, DSR, DTR, RI, and DCD)
•
Internal diagnostics capability
−
Loopback control for communications link-fault isolation
−
Break, parity, overrun, framing-error simulations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com