Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 56 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 56 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 52Page - Texas Instruments TUSB5052PZ Datasheet HTML 53Page - Texas Instruments TUSB5052PZ Datasheet HTML 54Page - Texas Instruments TUSB5052PZ Datasheet HTML 55Page - Texas Instruments TUSB5052PZ Datasheet HTML 56Page - Texas Instruments TUSB5052PZ Datasheet HTML 57Page - Texas Instruments TUSB5052PZ Datasheet HTML 58Page - Texas Instruments TUSB5052PZ Datasheet HTML 59Page - Texas Instruments TUSB5052PZ Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 82 page
background image
7−8
7.1.9
DLH[2:1]: Divisor High-Byte Registers (2 Registers)
These registers contain the high-bye of the baud-rate divisor.
D15
D14
D13
D12
D11
D10
D9
D8
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
D[15:8]
00h
High-byte value of the 16-bit divisor for generation of the baud clocks in the baud rate generator.
7.1.9.1 Baud Rate Calculation
The following formulas are used to calculate the baud-rate clock and the divisors. The baud-rate clock is derived from
the 48-MHz master-clock (dividing by 6.5). Table 7−4 presents the divisors used to achieve the desired baud rates,
together with the associated rounding errors.
Baud CLK
+ 48 MHz
6.5
+ 7.384615 MHz
Divisor
+ 7.384615
106
Baud Rate
16
Table 7−4. DLL/DLH Values and Resulting Baud Rates
DESIRED
DLL/DLH VALUE
ACTUAL
ERROR %
DESIRED
BAUD
DEC.
HEX.
ACTUAL
BAUD
ERROR %
50
9 231
240F
50.00
0.002
75
6 154
180A
75.00
0.002
110
4 196
1064
109.99
0.005
135
3 432
0D68
134.48
0.014
150
3 077
0C05
150.00
0.002
300
1 538
0602
300.09
0.030
600
769
0301
600.18
0.030
1 200
385
0181
1 198.80
0.100
1 800
256
0100
1 802.88
0.160
2 000
231
00E7
1 998.00
0.100
2 400
192
00C0
2 403.85
0.160
3 600
128
0080
3 605.77
0.160
4 800
96
0060
4 807.69
0.160
7 200
64
0040
7 211.54
0.160
9 600
48
0030
9 615.38
0.160
19 200
24
0018
19 230.77
0.160
38 400
12
000C
38 461.54
0.160
57 600
8
0008
57 692.31
0.160
115 200
4
0004
115 384.62
0.160
230 400
2
0002
230 769.23
0.160
460 800
1
0001
461 538.46
0.160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com