Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 23 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 19Page - Texas Instruments TUSB5052PZ Datasheet HTML 20Page - Texas Instruments TUSB5052PZ Datasheet HTML 21Page - Texas Instruments TUSB5052PZ Datasheet HTML 22Page - Texas Instruments TUSB5052PZ Datasheet HTML 23Page - Texas Instruments TUSB5052PZ Datasheet HTML 24Page - Texas Instruments TUSB5052PZ Datasheet HTML 25Page - Texas Instruments TUSB5052PZ Datasheet HTML 26Page - Texas Instruments TUSB5052PZ Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
4−3
Once the code is loaded, the MCU sets SDW = 1. This switches the memory map to normal-mode, i.e. the 16K-RAM
is mapped to code space, and the MCU starts executing from location 0000h. Once the switch is done, the MCU sets
CONT = 1 (in the USBCTL register). This connects the device to the USB and results in normal USB device
enumeration.
4.1.3
GLOBCTL: Global Control Register
This register is used to control the MCU clock rate, power-down mode, and the CLKO frequency.
12/24
C1
C0
CLKOE
RSTP
RSV
RSV
RSV
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
2−0
RSV
00b
Reserved = 0
3
RSTP
1
Reset-output polarity
RSTP = 0 RSTO output is active low
RSTP = 1 RSTO output is active high
4
CLKOE
0
0 = enable
1 = disable
6−5
C[1:0]
00b
Output clock frequency selection
00 = Output clock = 48 MHz
01 = Output clock = 24 MHz
10 = Output clock = 12 MHz
11 = Output clock = 6 MHz
7
12/24
0
This bit selects a 12-MHz or 24-MHz clock for the MCU
12/24=0 12 MHz
12/24=1 24 MHz
4.2
Buffers + I/O RAM Map
The address range from F800 to FFFF (2K bytes) is reserved for data buffers, setup packet, end-point descriptors
block (EDB) and all I/O. There are 128 locations reserved for memory mapped registers (MMR). Table 4−2 represents
the XDATA space allocation and access restriction for the DMA, UBM and MCU. Table 4−3 lists the memory-mapped
registers in the TUSB5052.
Table 4−2. XDATA Space
DESCRIPTION
ADDRESS RANGE
UBM ACCESS
DMA ACCESS
MCU ACCESS
Internal MMRs
(memory mapped registers)
FFFF
↑
FF80
No
(Only EDB-0)
No
(Only data register
and EDB-0)
Yes
EDB
FF7F
↑
Only for
Only for
Yes
EDB
(endpoint descriptors block)
↑
FF08
Only for
EDB update
Only for
EDB update
Yes
FF07
Setup packet
FF07
↑
Yes
No
Yes
Setup packet
↑
FF00
Yes
No
Yes
FEFF
Input endpoint_0 buffer
FEFF
↑
Yes
Yes
Yes
Input endpoint_0 buffer
↑
FEF8
Yes
Yes
Yes
FEF7
Output endpoint_0 buffer
FEF7
↑
Yes
Yes
Yes
Output endpoint_0 buffer
↑
FEF0
Yes
Yes
Yes
Data buffers
FEEF
↑
F800
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com