Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 44 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 44 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 40Page - Texas Instruments TUSB5052PZ Datasheet HTML 41Page - Texas Instruments TUSB5052PZ Datasheet HTML 42Page - Texas Instruments TUSB5052PZ Datasheet HTML 43Page - Texas Instruments TUSB5052PZ Datasheet HTML 44Page - Texas Instruments TUSB5052PZ Datasheet HTML 45Page - Texas Instruments TUSB5052PZ Datasheet HTML 46Page - Texas Instruments TUSB5052PZ Datasheet HTML 47Page - Texas Instruments TUSB5052PZ Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
6−2
6.1.1
DMACDR[2:1]: DMA Channel Definition Register (2 UART Transmit Channels)
These registers are used to define the EDB number that the DMA uses for data transfer to the UARTs. In addition,
these registers define the data transfer direction and select X or Y as the transaction buffer.
76
5432
10
EN
INE
CNT
XY
XY_WR_PROT
E2
E1
E0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
2−0
E[2:0]
0
Endpoint descriptor pointer. This field points to a set of EDB registers that is to be used for a given transfer.
3
XY_WR_PROT
1
XY protection bit. This bit always returns 1 when read. If this bit is 1 during a write, XY (bit 4) is not affected. If
this bit is 0 during a write, the value of XY is loaded from MCU bit 4.
4
XY
0
X/Y buffer select bit. Valid only when CNT = 0
XY = 0 Next buffer to transmit/receive is the X buffer
XY = 1 Next buffer to transmit/receive is the Y buffer
5
CNT
0
DMA continuous transfer control bit. This bit defines the mode of the DMA transfer.
5
CNT
0
CNT = 0
Burst Mode: DMA stops the transfer when the byte count is zero or when a partial packet has
been received (byte count < 64). At the end of transfer, the high-to-low transition of EN interrupts
the MCU (if enabled). In this mode, the X/Y bit is set by the MCU to define the current buffer (X or
Y). Single buffering is required in this mode.
CNT = 1
Continuous Mode: In this mode, the DMA and UBM alternate between the X and Y buffers. The
DMA sets the X/Y bit and the UBM uses it for the transfer. The DMA alternates between the X/Y
buffers and continues transmitting (from X/Y buffer) without MCU intervention. The DMA
terminates, and interrupts the MCU, under the following conditions:
1. When the UBM byte count < buffer size (in EDB), the DMA transfers the partial packet and
interrupts the MCU on completion.
2. Transaction timer expires. The DMA interrupts the MCU.
6
INE
0
DMA interrupt enable/disable bit. This bit is used to enable/disable the interrupt on transfer completion.
6
INE
0
INE = 0
Interrupt is disabled. In addition, PPKT and TXFT do not clear the EN bit and the DMAC is not
disabled.
INE = 1
Enables the EN interrupt. When this bit is set, the DMA interrupts the MCU on a 1-to-0 transition
of the EN bit. (When transfer is completed, EN = 0)
7
EN
0
DMA channel enable bit. The MCU sets this bit to start the DMA transfer. When the transfer completes, or
when it is terminated due to error, this bit is cleared. The 1 to 0 transition of this bit generates an interrupt (if
interrupt is enabled).
EN = 0
DMA is halted. The DMA is halted when the byte count reaches zero or when transaction
time-out occurs. When halted, the DMA updates the byte count, sets NAK = 0 in OEDB, and
interrupts the MCU (if INE = 1).
EN = 1
Setting this bit starts the DMA transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com