Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 43 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 43 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 39Page - Texas Instruments TUSB5052PZ Datasheet HTML 40Page - Texas Instruments TUSB5052PZ Datasheet HTML 41Page - Texas Instruments TUSB5052PZ Datasheet HTML 42Page - Texas Instruments TUSB5052PZ Datasheet HTML 43Page - Texas Instruments TUSB5052PZ Datasheet HTML 44Page - Texas Instruments TUSB5052PZ Datasheet HTML 45Page - Texas Instruments TUSB5052PZ Datasheet HTML 46Page - Texas Instruments TUSB5052PZ Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
6−1
6 DMA Controller
Table 6−1 outlines the five DMA channels and their associated transfer directions. Four channels are provided for
data transfer between the host and the UARTs. DMA-5 is provided for half-duplex parallel-port transfer (the transfer
direction is defined by the DIR bit in the PPMCR register).
Table 6−1. DMA Channel Allocation
DMA
CHANNEL
TRANSFER
DIRECTION
COMMENTS
DMA-1
Host to UART-1
DMA writes to UART-1 TDR register
DMA-2
Host to UART-2
DMA writes to UART-2 TDR register
DMA-3
UART-1 to host
DMA reads from UART-1 RDR register
DMA-4
UART-2 to host
DMA reads from UART-2 RDR register
DMA-5
Host to/from P-port
DMA reads/writes from/to PPDAT register. Direction is defined by DIR-bit in PPMCR register.
6.1
DMA Controller Registers
Each DMA channel can point to one of seven EDBs (EDB[7:1]) and transfer data to/from a UART channel or the
parallel port. The DMA can move data from a given output-endpoint buffer (defined by EDB) to the destination port.
Similarly, the DMA can move data from a port to a given input-endpoint buffer. Two modes of DMA transfers are
supported: burst and continuous.
In burst (CNT = 0) mode the DMA stops at the end of a block-data transfer (or if an error condition occurred) and
interrupts the MCU. It is the responsibility of the MCU to update the X/Y bit and the NAK bit in the EDB.
In continuous (CNT = 1) mode, at the end of a block transfer the DMA updates the byte-count and NAK-bit in the EDB
when receiving. In addition, it uses the X/Y-bit to switch automatically, without interrupting the MCU (the X/Y bit toggle
is performed by the UBM). The DMA stops only when a time-out or error condition occurs. When the DMA is
transmitting (from the X/Y buffer) it continues alternating between X/Y buffers until it detects a byte-count smaller than
the buffer size (buffer size is typically 64 bytes). At that point it completes the transfer, then stops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com