Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 61 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 61 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 57Page - Texas Instruments TUSB5052PZ Datasheet HTML 58Page - Texas Instruments TUSB5052PZ Datasheet HTML 59Page - Texas Instruments TUSB5052PZ Datasheet HTML 60Page - Texas Instruments TUSB5052PZ Datasheet HTML 61Page - Texas Instruments TUSB5052PZ Datasheet HTML 62Page - Texas Instruments TUSB5052PZ Datasheet HTML 63Page - Texas Instruments TUSB5052PZ Datasheet HTML 64Page - Texas Instruments TUSB5052PZ Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
8−1
8 Expanded GPIO Port
8.1
Input/Output and Control Registers
8.1.1
GPIOCTL: GPIO Port Control Register
This register is used to enable the GPIO[7:0] port and its direction.
RSV
RSV
RSV
RSV
DIR
RSV
RSV
RSV
7
6
5
4
32
10
R/O
R/O
R/O
R/O
R/W
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
2−0
RSV
000b
Reserved = 0 (should be always zero)
3
DIR
0
GPIO direction bit
DIR = 0 Output mode
DIR = 1 Input mode
4
RSV
0
Reserved = 0 (should be always zero)
5
GPIEN
1
GPI-mode enable bit
GPIEN = 0
GPI mode disabled
GPIEN = 1
GPI mode enabled
7−6
RSV
0
Reserved = 0 (should be always zero)
8.1.2
GPI: General-Purpose Input Register
This register is a general-purpose input register.
GPI7
GPI6
GPI5
GPI4
GPI3
RSV
RSV
RSV
7
6
5
4
32
10
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
2−0
RSV
010b
Reserved = 010b
3
GPI3
X
Corresponds to inverse of GPI3 input signal
4
GPI4
X
Corresponds to GPI4 input signal
5
GPI5
X
Corresponds to GPI5 input signal
6
GPI6
X
Corresponds to the inverse of GPI6 input signal
7
GPI7
X
Corresponds to GPI7 input signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com