Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 17 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 13Page - Texas Instruments TUSB5052PZ Datasheet HTML 14Page - Texas Instruments TUSB5052PZ Datasheet HTML 15Page - Texas Instruments TUSB5052PZ Datasheet HTML 16Page - Texas Instruments TUSB5052PZ Datasheet HTML 17Page - Texas Instruments TUSB5052PZ Datasheet HTML 18Page - Texas Instruments TUSB5052PZ Datasheet HTML 19Page - Texas Instruments TUSB5052PZ Datasheet HTML 20Page - Texas Instruments TUSB5052PZ Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
3−5
3.2
Connecting an External Microcontroller for Development
Figure 3−3 illustrates how to connect an external 8052 microcontroller to the TUSB5052. Pin TEST0 must be
connected to ground to enable the external mode (TEST[2:0] = 110b). Table 3−4 outlines the signals used to connect
the TUSB5052 to the external microcontroller.
Table 3−4. Signals Used for External Microcontroller
TUSB5052
EXTERNAL 8052 MICROCONTROLLER
TUSB5052
NAME
NAME
COMMENTS
P1.0
P0.0
Port-0: Bit-0 data bus
P1.1
P0.1
Port-0: Bit-1 data bus
P1.2
P0.2
Port-0: Bit-2 data bus
P1.3
P0.3
Port-0: Bit-3 data bus
P1.4
P0.4
Port-0: Bit-4 data bus
P1.5
P0.5
Port-0: Bit-5 data bus
P1.6
P0.6
Port-0: Bit-6 data bus
P1.7
P0.7
Port-0: Bit-7 data bus
P3.0
P2.0
Address line A8
P3.1
P2.1
Address line A9
P3.3
P2.2
Address line A10
P3.4
P2.7
Address line A15
LED-1
ALE
Address latch enable
LED-2
INTO
Interrupt input to microcontroller
LED-3
WR
External data memory write strobe
LED-4
RD
External data memory read strobe
RSTO
RST
Master reset input
TUSB5052
8052
LED-1
LED-3
LED-4
LED-2
RSTO
TEST0
P1.[7:0]
P3.[4,3,1,0]
Address Lines A8, A9, A10, A15
ALE
WR
P0.[7:0]
RD
P2.[7,2,1,0]
INT0
RST
P1[7:0]
P3[4:0]
Figure 3−3. Connecting to an External Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com