Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 51 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 51 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 47Page - Texas Instruments TUSB5052PZ Datasheet HTML 48Page - Texas Instruments TUSB5052PZ Datasheet HTML 49Page - Texas Instruments TUSB5052PZ Datasheet HTML 50Page - Texas Instruments TUSB5052PZ Datasheet HTML 51Page - Texas Instruments TUSB5052PZ Datasheet HTML 52Page - Texas Instruments TUSB5052PZ Datasheet HTML 53Page - Texas Instruments TUSB5052PZ Datasheet HTML 54Page - Texas Instruments TUSB5052PZ Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 82 page
background image
7−3
7.1.4
FCRL[2:1]: UART Flow Control Registers (2 Registers)
These registers provide the flow-control modes of operation (see Table 7−2 and Table 7−3).
485E
DTR
RTS
RXOF
DSR
CTS
TXOA
TXOF
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
TXOF
0
This bit controls the transmitter Xon/Xoff flow control.
0
TXOF
0
TXOF = 0
Disables transmitter Xon/Xoff flow control
TXOF = 1
Enables transmitter Xon/Xoff flow control
1
TXOA
0
This bit controls the transmitter Xon-on-any/Xoff flow control.
1
TXOA
0
TXOA = 0
Disables the transmitter Xon-on-any/Xoff flow control
TXOA = 1
Enables the transmitter Xon-on-any/Xoff flow control
2
CTS
0
Transmitter CTS flow-control enable bit.
2
CTS
0
CTS = 0
Disables transmitter CTS flow control
CTS = 1
CTS flow control is enabled, i.e., when CTS input pin is high, transmission is halted; when CTS pin is
low, transmission resumes.
3
DSR
0
Transmitter DSR flow control enable bit.
3
DSR
0
DSR = 0
Disables transmitter DSR flow control
DSR = 1
DSR flow control is enabled, i.e., when DSR input pin is high, transmission is halted; when DSR pin is
low, transmission resumes.
4
RXOF
0
This bit controls the receiver Xon/Xoff flow control.
4
RXOF
0
RXOF = 0
Receiver does not attempt to match Xon/Xoff characters.
RXOF = 1
Receiver searches for Xon/Xoff characters.
5
RTS
0
Receiver RTS flow control enable bit
5
RTS
0
RTS = 0
Disables receiver RTS flow control
RTS = 1
Receiver RTS flow control is enabled. RTS output pin goes high when the receiver FIFO HALT
trigger level is reached; it goes low, when the receiver FIFO RESTORE receiving trigger level is
reached.
6
DTR
0
Receiver DTR flow control enable bit
6
DTR
0
DTR = 0
Disables receiver DTR flow control
DDT = 1
Receiver DDT flow control is enabled. DDT output pin goes high when the receiver FIFO HALT
trigger level is reached; it goes low when the receiver FIFO RESTORE receiving trigger level is
reached.
7
485E
0
RHEA485 enable bit. This bit is used to configure the UARTs to control external RS485 transceivers. When config-
ured in half-duplex mode, RTS and DTR are used to enable the RS485 driver and receiver (see Figure 12−2).
485E = 0
UART is in normal operation mode (full duplex).
485E = 1
The UART is in RS485 mode. In this mode RTS and DTR are active with opposite polarity (when
RTS = 0, DTR = 1). When the DMA is ready to transmit, it drives RTS = 1 (and DTR = 0) 2-bit-time
before transmission starts. When DMA terminates the transmission, it drives RTS = 0 (and
DTR = 1) as soon as possible after transmission stops. When 485E is set to 1, the DTR and RTS bits
in the MCR register have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com