Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 5 Page - Texas Instruments

  TUSB5052PZ Datasheet HTML 1Page - Texas Instruments TUSB5052PZ Datasheet HTML 2Page - Texas Instruments TUSB5052PZ Datasheet HTML 3Page - Texas Instruments TUSB5052PZ Datasheet HTML 4Page - Texas Instruments TUSB5052PZ Datasheet HTML 5Page - Texas Instruments TUSB5052PZ Datasheet HTML 6Page - Texas Instruments TUSB5052PZ Datasheet HTML 7Page - Texas Instruments TUSB5052PZ Datasheet HTML 8Page - Texas Instruments TUSB5052PZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
v
8.1.1
GPIOCTL: GPIO Port Control Register
8−1
. . . . . . . . . . . . . . . .
8.1.2
GPI: General-Purpose Input Register
8−1
. . . . . . . . . . . . . . . . . .
8.1.3
GPO: General-Purpose Output Register
8−2
. . . . . . . . . . . . . . .
8.1.4
GPIO: GPIO Data Register
8−2
. . . . . . . . . . . . . . . . . . . . . . . . . . .
9
Interrupts
9−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.1
8052 Interrupt and Status Registers
9−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
9.1.1
8052 Standard Interrupt Enable Register
9−1
. . . . . . . . . . . . . . .
9.1.2
Additional Interrupt Sources
9−1
. . . . . . . . . . . . . . . . . . . . . . . . . .
9.1.3
IEPINT: Input Endpoint Interrupt Request Register
9−2
. . . . . .
9.1.4
OEPINT: Output Endpoint Interrupt Request Register
9−2
. . . .
9.1.5
VECINT: Vector Interrupt Register
9−2
. . . . . . . . . . . . . . . . . . . . .
9.1.6
Logical Interrupt Connection Diagram (Internal/External)
9−4
.
10 I2C Port
10−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.1
I2C Registers
10−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.1.1
I2CSTA: I2C Status and Control Register
10−1
. . . . . . . . . . . . . .
10.1.2
I2CADR: I2C Address Register
10−2
. . . . . . . . . . . . . . . . . . . . . . .
10.1.3
I2CDAI: I2C Data-Input Register
10−2
. . . . . . . . . . . . . . . . . . . . . .
10.1.4
I2CDAO: I2C Data-Output Register
10−2
. . . . . . . . . . . . . . . . . . . .
10.2
Random-Read Operation
10−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.2.1
Device Address + EPROM [High-Byte]
10−2
. . . . . . . . . . . . . . . .
10.2.2
EEPROM [Low-byte]
10−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.3
Current-Address Read Operation
10−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.4
Sequential-Read Operation
10−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.4.1
Device Address
10−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.4.2
N-Byte Read (31 Bytes)
10−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.4.3
Last-Byte Read (Byte 32)
10−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.5
Byte-Write Operation
10−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.5.1
Device Address + EEPROM [High-Byte]
10−4
. . . . . . . . . . . . . . .
10.5.2
EEPROM [Low-Byte]
10−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.5.3
EEPROM [DATA]
10−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.6
Page-Write
10−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.6.1
Device Address + EEPROM [High-Byte]
10−5
. . . . . . . . . . . . . . .
10.6.2
EEPROM [Low-Byte]
10−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.6.3
EEPROM [DATA] - 31 Bytes
10−5
. . . . . . . . . . . . . . . . . . . . . . . . . .
10.6.4
EEPROM [DATA] - Last Byte
10−5
. . . . . . . . . . . . . . . . . . . . . . . . .
11 Electrical Specifications
11−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.1
Absolute Maximum Ratings Over Operating Free-Air
Temperature Range
11−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.2
Recommended Operating Conditions
11−1
. . . . . . . . . . . . . . . . . . . . . . . . . .
11.3
Electrical Characteristics Over Recommended Ranges of Operating
Free-Air Temperature and Supply Voltage
11−2
. . . . . . . . . . . . . . . . . . . . . .
11.4
Differential Driver Switching Characteristics Over Recommended
Ranges of Operating Free-Air Temperature and Supply Voltage,
CL = 50 pF
11−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.4.1
Full-Speed Mode
11−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com