Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 53 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 53 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 49Page - Texas Instruments TUSB5052PZ Datasheet HTML 50Page - Texas Instruments TUSB5052PZ Datasheet HTML 51Page - Texas Instruments TUSB5052PZ Datasheet HTML 52Page - Texas Instruments TUSB5052PZ Datasheet HTML 53Page - Texas Instruments TUSB5052PZ Datasheet HTML 54Page - Texas Instruments TUSB5052PZ Datasheet HTML 55Page - Texas Instruments TUSB5052PZ Datasheet HTML 56Page - Texas Instruments TUSB5052PZ Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
7−5
7.1.5
MCR[2:1]: Modem-Control Registers (2 Registers)
These registers provide control for modem interface I/O, and definition of the flow control mode.
LCD
LRI
RTS
RTR
SEN
LOOP
RCVE
URST
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
URST
0
UART soft reset. This bit can be used by the MCU to reset the UART.
0
URST
0
URST = 0
Normal operation. Writing a 0 by MCU has no effect.
URST = 1
When the MCU writes a 1 to this bit, a UART reset is generated (ORed with hard reset). When the
UART exits the reset state, URST is cleared. The MCU can monitor this bit to determine if the UART
completed the reset cycle.
1
RCVE
0
Receiver enable bit. This bit is valid only when 485E in FCRL is 1 (RS485 mode). When 485E = 0, this bit has no
effect on the receiver.
RCVE = 0
When 485E = 1, the UART receiver is disabled if RTS and DTR are active. (When data are
transmitted the UART-receiver is disabled.)
RCVE = 1
When 485 = 1, the UART receiver is enabled regardless of the RTS/DTR state (UART receiver is on
all the time).
2
LOOP
0
This bit controls the normal/loop-back mode of operation (see Figure 7−1).
2
LOOP
0
LOOP = 0
Normal operation
LOOP = 1
Enable loop-back mode of operation. In this mode the following occurs:
• SOUT is set high.
• SIN is disconnected.
• The transmitter is looped back into the receiver.
• The four modem-control inputs, CTS, DSR, DCD, and RI are disconnected.
• DTR, RTS, LRI and LCD are internally connected to the four modem-control inputs, and read in the
MSR register as follows:
• DTR is reflected in MSR[4] bit.
• RTS is reflected in MSR[5] bit.
• LRI is reflected in MSR[6] bit.
• LCD is reflected in MSR[7] bit.
3
RSV
0
Reserved = 0
4
DTR
0
This bit controls the state of the DTR output pin (see Figure 7−1). This bit has no effect when auto-flow control is
used.
DTR = 0 Forces the DTR output pin to inactive (high)
DTR = 1 Forces the DTR output pin to active (low)
5
RTS
0
This bit controls the state of the RTS output pin (see Figure 7−1). This bit has no effect when auto-flow control is
used.
RTS = 0 Forces the RTS output pin to inactive (high)
RTS = 1 Forces the RTS output pin to active (low)
6
LRI
0
This bit is used for loopback mode only. When in loopback mode, this bit is reflected in MSR[6]-bit (see Figure 7−1).
LRI = 0 Clears MSR[6] = 0
LRI = 1 Sets MSR[6] = 1
7
LCD
0
This bit is used for loopback mode only. When in loopback mode, this bit is reflected in MSR[7]-bit (see Figure 7−1).
LCD = 0
Clears MSR[7] = 0
LCD = 1
Sets MSR[7] = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com