Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 25 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 25 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 21Page - Texas Instruments TUSB5052PZ Datasheet HTML 22Page - Texas Instruments TUSB5052PZ Datasheet HTML 23Page - Texas Instruments TUSB5052PZ Datasheet HTML 24Page - Texas Instruments TUSB5052PZ Datasheet HTML 25Page - Texas Instruments TUSB5052PZ Datasheet HTML 26Page - Texas Instruments TUSB5052PZ Datasheet HTML 27Page - Texas Instruments TUSB5052PZ Datasheet HTML 28Page - Texas Instruments TUSB5052PZ Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
4−5
Table 4−3. Memory Mapped Registers Summary (XDATA Range = FF80−FFFF) (Continued)
ADDRESS
REGISTER
DESCRIPTION
FFA8
DLH1
UART1: Divisor high-byte register
FFA7
DLL1
UART1: Divisor low-byte register
FFA6
MSR1
UART1: Modem status register
FFA5
LSR1
UART1: Line status register
FFA4
MCR1
UART1: Modem control register
FFA3
FCRL1
UART1: Flow control register
FFA2
LCR1
UART1: Line control registers
FFA1
TDR1
UART1: Transmitter data registers
FFA0
RDR1
UART1: Receiver data registers
FF9E
GPIO
GPIO port data register
FF9D
GPO
GPO output data register
FF9C
GPI
GPI input data register
FF9A
GPIOCTL
GPIO port control register
↑
RESERVED
FF94
OEPINT
Output endpoint interrupt register
FF93
IEPINT
Input endpoint interrupt register
FF92
VECINT
Vector interrupt register
FF91
GLOBCTL
Global control register
FF90
ROMS
ROM shadow configuration register
↑
RESERVED
FF83
OEPBCNT_0
Output endpoint_0: Byte count register
FF82
OEPCNFG_0
Output endpoint_0: Configuration register
FF81
IEPBCNT_0
Input endpoint_0: Byte count register
FF80
IEPCNFG_0
Input endpoint_0: Configuration register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com