Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 62 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 62 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 58Page - Texas Instruments TUSB5052PZ Datasheet HTML 59Page - Texas Instruments TUSB5052PZ Datasheet HTML 60Page - Texas Instruments TUSB5052PZ Datasheet HTML 61Page - Texas Instruments TUSB5052PZ Datasheet HTML 62Page - Texas Instruments TUSB5052PZ Datasheet HTML 63Page - Texas Instruments TUSB5052PZ Datasheet HTML 64Page - Texas Instruments TUSB5052PZ Datasheet HTML 65Page - Texas Instruments TUSB5052PZ Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
8−2
8.1.3
GPO: General-Purpose Output Register
This register is a general-purpose output register.
RSV
RSV
RSV
RSV
GPO3
GPO2
GPO1
RSV
7
6
5
4
32
10
R/O
R/O
R/O
R/O
R/W
R/W
R/W
R/O
BIT
NAME
RESET
FUNCTION
0
RSV
0
Reserved = 0
1
GPO1
0
This bit affects the inverse of GPO1 output pin.
GPO1 = 0 GPO1 output is set to 1 (inactive)
GPO1 = 1 GOP1 output is set to 0 (active)
2
GPO2
0
This bit affects the inverse of GPO2 output pin.
GPO2 = 0 GPO2 output is set to 1 (inactive)
GPO2 = 1 GOP2 output is set to 0 (active)
3
GPO3
0
This bit affects the inverse of GPO3 output pin.
GPO3 = 0 GPO3 output is set to 1 (inactive)
GPO3 = 1 GOP3 output is set to 0 (active)
7−4
RSV
0
Reserved = 0
8.1.4
GPIO: GPIO Data Register
This register is used to enable the GPIO port. When in the output direction (DIR = 0), writing to this register places
the data into GPIO[7:0]. When in the input direction (DIR = 1), this register contains the byte read at GPIO[7:0].
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
D[7:0]
00h
GPIO data output and input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com