Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052PZ Datasheet(PDF) 54 Page - Texas Instruments

Part # TUSB5052PZ
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052PZ Datasheet(HTML) 54 Page - Texas Instruments

Back Button TUSB5052PZ Datasheet HTML 50Page - Texas Instruments TUSB5052PZ Datasheet HTML 51Page - Texas Instruments TUSB5052PZ Datasheet HTML 52Page - Texas Instruments TUSB5052PZ Datasheet HTML 53Page - Texas Instruments TUSB5052PZ Datasheet HTML 54Page - Texas Instruments TUSB5052PZ Datasheet HTML 55Page - Texas Instruments TUSB5052PZ Datasheet HTML 56Page - Texas Instruments TUSB5052PZ Datasheet HTML 57Page - Texas Instruments TUSB5052PZ Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 82 page
background image
7−6
7.1.6
LSR[2:1]: Line-Status Registers (2 Registers)
These registers provide the status of the data transfer. DMA transfer is halted when any of OVR, PTE, FRE, BRK
or EXIT is 1.
RSV
RSV
TxE
RxF
BRK
FRE
PTE
OVR
7
6
5
4
32
10
R/O
R/O
R/O
R/O
R/C
R/C
R/C
R/C
BIT
NAME
RESET
FUNCTION
0
OVR
0
This bit indicates the overrun condition of the receiver. If set, it halts the DMA transfer and generates a status
interrupt (if enabled).
OVR = 0 No overrun error
OVR = 1 Overrun error has occurred. Clears when the MCU writes a 1. Writing a 0 has no effect.
1
PTE
0
This bit indicates the parity condition of the received byte. If set, it halts the DMA transfer and generates a status
interrupt (if enabled).
PTE = 0 No parity error in data received
PTE = 1 Parity error in data received. Clears when the MCU writes a 1. Writing a 0 has no effect.
2
FRE
0
This bit indicates the framing condition of the received byte. If set, it halts the DMA transfer and generates a status
interrupt (if enabled).
FRE = 0 No framing error in data received
FRE = 1 Framing error in data received. Clears when MCU writes a 1. Writing a 0 has no effect.
3
BRK
0
This bit indicates the break condition of the received byte. If set, it halts the DMA transfer and generates a status
interrupt (if enabled).
BRK = 0 No break condition
BRK = 1 A break condition in data received was detected. Clears when the MCU writes a 1. Writing a 0 has no
effect.
4
RxF
0
This bit indicates the condition of the receiver data register. Typically, the MCU does not monitor this bit since data
transfer is done by the DMA controller.
RxF = 0
No data in the RDR
RxF = 1
RDR contains data. Generates Rx interrupt (if enabled).
5
TxE
1
This bit indicates the condition of the transmitter data register. Typically, the MCU does not monitor this bit since
data transfer is done by the DMA controller.
TxE = 0
TDR is not empty
TxE = 1
TDR is empty. Generates Tx interrupt (if enabled).
6−7
RSV
0
Reserved = 0
CTS
MSR
MCR
(4) LCTS
(5) LDSR
(6) LRI
(7) LCD
(5) RTS
(4) DTR
(6) LRI
(7) LCD
(2) LOOP
DSR
RI
DCD
RTS
DTR
Figure 7−1. MSR and MCR Registers in Loopback Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com