Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 23 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 23 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 19Page - Microchip Technology EMC2113 Datasheet HTML 20Page - Microchip Technology EMC2113 Datasheet HTML 21Page - Microchip Technology EMC2113 Datasheet HTML 22Page - Microchip Technology EMC2113 Datasheet HTML 23Page - Microchip Technology EMC2113 Datasheet HTML 24Page - Microchip Technology EMC2113 Datasheet HTML 25Page - Microchip Technology EMC2113 Datasheet HTML 26Page - Microchip Technology EMC2113 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 23
6.1
Critical/Thermal Shutdown
The EMC2113 provides a hardware Critical/Thermal Shutdown function for systems. Figure 6.2 is a
block diagram of this Critical/Thermal Shutdown function. The Critical/Thermal Shutdown function
accepts configuration information from the pullup resistor of the SHDN_SEL pin.
The analog portion of the Critical/Thermal Shutdown function monitors the hardware determined
shutdown channel. This measured temperature is then compared with TRIP_SET point. This
TRIP_SET point is set by the system designer with a single external resistor.
The SYS_SHDN is asserted when the indicated temperature meets or exceeds the temperature
threshold (TTRIP) established by the TRIP_SET input pin for a number of consecutive measurements
defined by the fault queue.
Each of the software programmed temperature limits can be optionally configured to act as inputs to
the Critical/Thermal Shutdown independent of the hardware shutdown operation. When configured to
operate this way, the SYS_SHDN pin will be asserted when the temperature meets or exceeds the
programmed Tcrit Limit for the enabled channel (see Section 7.10).
6.1.1
SYS_SHDN Pin
The SYS_SHDN pin is an active low dedicated system interrupt. This pin is asserted low when:
1. The programmed temperature channel (see Section 6.1.2) exceeds the hardware set limit (see
Section 6.1.3).
2. Any of the measured temperature channels meet or exceed their programmed TCRIT limits and
have been linked to the SYS_SHDN pin (see Section 7.10).
3. Any of the measured temperature channels meet or exceed their programmed High limits and have
been linked to the SYS_SHDN pin (see Section 7.11).
Figure 6.2 Block Diagram of Critical/Thermal Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com