Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 18 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 18 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 14Page - Microchip Technology EMC2113 Datasheet HTML 15Page - Microchip Technology EMC2113 Datasheet HTML 16Page - Microchip Technology EMC2113 Datasheet HTML 17Page - Microchip Technology EMC2113 Datasheet HTML 18Page - Microchip Technology EMC2113 Datasheet HTML 19Page - Microchip Technology EMC2113 Datasheet HTML 20Page - Microchip Technology EMC2113 Datasheet HTML 21Page - Microchip Technology EMC2113 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 18
 2013 Microchip Technology Inc.
5.1.3
SMBus Data Bytes
All SMBus Data bytes are sent most significant bit first and composed of 8-bits of information.
5.1.4
SMBus ACK and NACK Bits
The SMBus slave will acknowledge all data bytes that it receives. This is done by the slave device
pulling the SMBus Data line low after the 8th bit of each byte that is transmitted.
The Host will NACK (not acknowledge) the last data byte to be received from the slave by holding the
SMBus data line high after the 8th data bit has been sent.
5.1.5
SMBus Stop Bit
The SMBus Stop bit is defined as a transition of the SMBus Data line from a logic ‘0’ state to a logic
‘1’ state while the SMBus clock line is in a logic ‘1’ state. When the EMC2113 detects an SMBus Stop
bit, and it has been communicating with the SMBus protocol, it will reset its slave interface and prepare
to receive further communications.
5.1.6
SMBus Time-out
The EMC2113 includes an SMBus time-out feature. Following a 30ms period of inactivity on the
SMBus, the device will time-out and reset the SMBus interface.
The SMBus timeout defaults to enabled and can be disabled by setting the DIS_TO bit (see Section
7.12, "Configuration 2 Register").
5.1.7
SMBus and I2C Compliance
The major difference between SMBus and I2C devices is highlighted here. For complete compliance
information refer to the SMBus 2.0 specification.
1. Minimum frequency for SMBus communications is 10kHz.
2. The slave protocol will reset if the clock is held low longer than 30ms.
3. The slave protocol will reset if both the clock and the data line are high for longer than 150us (idle
condition).
4. I2C devices do not support the Alert Response Address functionality (which is optional for SMBus).
5.2
SMBus Protocols
The EMC2113 slave interface is SMBus 2.0 compatible and support Send Byte, Read Byte, Receive
Byte, Write Byte, Block Read Byte, Block Write Byte, and the Alert Response Address as valid
protocols. These protocols are used as shown below.
All of the below protocols use the convention in Table 5.2, "Protocol Format". For the Slave Address
fields, the value of YYYY_YYY represents the programmed SMBus address.
22k Ohm ±5%
1001_101(r/w)
33k Ohm ±5%
1001_000(r/w)
Table 5.1 ADDR_SEL Pin Decode (continued)
PULL-UP RESISTOR VALUE
FAN CONTROL ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com