Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 50 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 50 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 46Page - Microchip Technology EMC2113 Datasheet HTML 47Page - Microchip Technology EMC2113 Datasheet HTML 48Page - Microchip Technology EMC2113 Datasheet HTML 49Page - Microchip Technology EMC2113 Datasheet HTML 50Page - Microchip Technology EMC2113 Datasheet HTML 51Page - Microchip Technology EMC2113 Datasheet HTML 52Page - Microchip Technology EMC2113 Datasheet HTML 53Page - Microchip Technology EMC2113 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 50
 2013 Microchip Technology Inc.
7.10
Critical Temperature Limit Registers
The Critical Temperature Limit Registers store the Critical Temperature Limit. At power up, none of the
respective channels are linked to the SYS_SHDN pin or the Hardware set Thermal/Critical Shutdown
circuitry.
Whenever one of the registers is updated, two things occur. First, the register is locked so that it cannot
be updated again without a power on reset. Second, the respective temperature channel is linked to
the SYS_SHDN pin and the Hardware set Thermal/Critical Shutdown Circuitry. At this point, if the
measured temperature channel meets or exceeds the critical limit, the SYS_SHDN pin will be asserted,
the appropriate bit set in the Tcrit Status Register, and the TCRIT bit in the Interrupt Status Register
will be set.
7.11
Configuration Register
The Configuration Register controls the basic functionality of the EMC2113. The bits are described
below.
Bit 7 - MASK - Blocks the ALERT pin from being asserted.
‘0’ (default) - The ALERT pin is unmasked. If any bit in either status register is set, the ALERT pin
will be asserted (unless individually masked via the Mask Register)
‘1’ - The ALERT pin is masked and will not be asserted.
Bit 6 - WD_EN - Enables the Watchdog timer to operate in Continuous Mode.
‘0’ (default) - The Watchdog timer does not operate continuously. It will function upon power up and
at no other time.
‘1’ - The Watchdog timer operates continuously as described in Section 6.10.2, "Continuous
Operation".
Bit 3 - SYS3 - Enables the high temperature limit for the External Diode 3 channel to trigger the
Critical/Thermal Shutdown circuitry (see Section 6.1, "Critical/Thermal Shutdown").
‘0’ (default) - the External Diode 3 channel high limit will not be linked to the SYS_SHDN pin. If the
temperature meets or exceeds the limit, the ALERT pin will be asserted normally.
Table 7.15 Limit Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
19h
R/W
once
External Diode
1 Tcrit Limit
Sign
64
32
16
8
4
2
1
64h
(+100°C)
1Ah
R/W
once
External Diode
2 Tcrit Limit
Sign
64
32
16
8
4
2
1
64h
(+100°C)
1Bh
R/W
once
External Diode
3 Tcrit Limit
Sign
64
32
16
8
4
2
1
64h
(+100°C)
1Dh
R/W
once
Internal Diode
Tcrit Limit
Sign
64
32
16
8
4
2
1
64h
(+100°C)
Table 7.16 Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
20h
R/W
Configuration
MASK
WD_EN
-
-
SYS3
SYS2
SYS1
APD
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com