Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 68 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 68 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 64Page - Microchip Technology EMC2113 Datasheet HTML 65Page - Microchip Technology EMC2113 Datasheet HTML 66Page - Microchip Technology EMC2113 Datasheet HTML 67Page - Microchip Technology EMC2113 Datasheet HTML 68Page - Microchip Technology EMC2113 Datasheet HTML 69Page - Microchip Technology EMC2113 Datasheet HTML 70Page - Microchip Technology EMC2113 Datasheet HTML 71Page - Microchip Technology EMC2113 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 68
 2013 Microchip Technology Inc.
‘1’ - The Look Up Table entries are locked and cannot be updated. The Look Up Table is fully active
and will be used based on the loaded values. The PWM output will be updated depending on the
temperature and / or TACH variations.
APPLICATION NOTE: When the LUT_LOCK bit is set at a logic ‘0’, the PWM drive setting will be set at whatever
value was last used by the RPM-based Fan Speed Control Algorithm or the Look Up Table.
Bit 4 - RPM / PWM - This bit selects the data format for the LUT drive settings.
‘0’ (default) - The Look Up Table drive settings are RPM TACH count values for use by the RPM-
based Fan Speed Control Algorithm. The Look Up Table drive settings should be loaded highest
value to lowest value (to coincide with the inversion between TACH counts and actual RPM).
‘1’ - The Look Up Table drive settings are PWM duty cycle values and are used directly. The drive
settings should be loaded lowest value to highest value.
Bit 3 - PUSH1_CFG - Determines whether the PWM Input duty cycle is used instead of the Pushed 1
Temperature data when the TEMP1_CFG bit is set.
‘0’ (default) - The Pushed Temperature 1 register can be written via the SMBus and will hold a
temperature value. The PWM Input Duty cycle is not used.
‘1’ - If the TEMP1_CFG or TEMP3_CFG bit is set, the PWM Input Duty cycle will be used. The
Pushed Temperature 1 register can be written via the SMBus and will hold a temperature value but
will not be used.
APPLICATION NOTE: If the Pushed Temperature 1 data is configured to hold the PWM input duty cycle and is used
in the Look Up Table, then the Look Up Table threshold levels must be programmed in the
same format as the PWM input duty cycle - see Section 7.5 and Section 7.35.
Bit 2 - TEMP1_CFG - Determine the temperature channel that is used for the Temperature 1 inputs to
the Look Up Table.
‘0’ (default) - The External Diode 1 channel is used by the Fan Look Up Table.
‘1’ - Either the data written into the Pushed Temperature 1 Register or the data in the PWM Input
Duty Cycle register is used by the Fan Look Up table as determined by the PUSH1_CFG bit.
Bit 1 - TEMP3_CFG - Determine the temperature channel that is used for the Temperature 3 inputs to
the Look Up Table.
‘0’ (default) - The External Diode 3 channel is used by the Fan Look Up Table (if enabled).
‘1’ - Either the data written into the Pushed Temperature 1 Register or the data in the PWM Input
Duty Cycle register is used by the Fan Look Up table as determined by the PUSH1_CFG bit.
Bit 0 - TEMP4_CFG - Determine the temperature channel that is used for the Temperature 4 inputs to
the Look Up Table.
‘0’ (default) -The Internal diode channel is used by the Fan Look Up Table.
‘1’ - The data written into the Pushed Temperature 2 Register is used by the Fan Look Up Table.
7.35
Look Up Table Registers
Table 7.52 Look Up Table Registers
ADDR
R/W
REGISTER
RPM /
PWM
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
51h
R/W
LUT Drive
Setting 1
‘0’
4096
2048
1024
512
256
128
64
32
FBh
‘1’
128
64
32
16
8
4
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com