Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 32 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 32 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 28Page - Microchip Technology EMC2113 Datasheet HTML 29Page - Microchip Technology EMC2113 Datasheet HTML 30Page - Microchip Technology EMC2113 Datasheet HTML 31Page - Microchip Technology EMC2113 Datasheet HTML 32Page - Microchip Technology EMC2113 Datasheet HTML 33Page - Microchip Technology EMC2113 Datasheet HTML 34Page - Microchip Technology EMC2113 Datasheet HTML 35Page - Microchip Technology EMC2113 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 32
 2013 Microchip Technology Inc.
When the Spin Up Routine is operating, the fan driver is set to full scale (optional) for one quarter of
the total user defined spin up time. For the remaining spin up time, the fan driver output is set to a
user defined level (30% through 65% drive).
After the Spin Up Routine has finished, the EMC2113 measures the TACH signal. If the measured
TACH Reading Register value is higher than the Valid TACH Count Register setting, the FAN_SPIN
status bit is set and the Spin Up Routine will automatically attempt to restart the fan.
Figure 6.4, "Spin Up Routine" shows an example of the Spin Up Routine in response to a programmed
fan speed change based on the first condition above.
6.9
Ramp Rate Control
The PWM output drive can be configured with automatic ramp rate control. If the RPM-based Fan
Speed Control Algorithm is used, then this ramp rate control is automatically used based on the fan
control derivative option settings. The user programs a maximum step size for the PWM setting and
an update time. The update time varies from 100ms to 1.6s while the PWM maximum step can vary
from 1 PWM count to 31 PWM counts.
When a new PWM duty cycle value is entered (either directly, as a result of the FSC Algorithm
adjusting the output PWM to meet the programmed TACH Target value, or as a result of the ramp rate
control circuitry), the delta from the next PWM and the previous PWM is determined. If this delta is
greater than the maximum fan step settings, then the PWM is adjusted by the maximum fan step
settings.
The PWM duty cycle is adjusted (and the delta recalculated) every 100ms to 1.6s as determined by
the Update Time until the target PWM setting is reached. See Figure 6.5, "Ramp Rate Control".
Figure 6.4 Spin Up Routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com