Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 27 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 27 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 23Page - Microchip Technology EMC2113 Datasheet HTML 24Page - Microchip Technology EMC2113 Datasheet HTML 25Page - Microchip Technology EMC2113 Datasheet HTML 26Page - Microchip Technology EMC2113 Datasheet HTML 27Page - Microchip Technology EMC2113 Datasheet HTML 28Page - Microchip Technology EMC2113 Datasheet HTML 29Page - Microchip Technology EMC2113 Datasheet HTML 30Page - Microchip Technology EMC2113 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 27
6.3
PWM Fan Driver
The EMC2113 supports a high or low frequency PWM driver. The output can be configured as either
push-pull or open drain and the frequency ranges from 9.5Hz to 26kHz in four programmable
frequency bands.
The PWM frequency range is coarsely adjusted via the PWM Base Frequency register (Section 7.19)
with a fine tune adjustment performed via the PWM Divider registers (see Section 7.23). General PWM
operation is governed by the PWM Configuration register (see Section 7.18).
6.4
Fan Control Look-Up Table
The EMC2113 uses a look-up table to apply a user-programmable fan control profile based on
measured temperature to the fan driver. In this look-up table, each temperature channel is allowed to
control the fan drive output independently (or jointly) by programming up to eight pairs of temperature
and drive setting entries.
The Look Up Table supports external data pushed into the device by the Host in either DTS or standard
format. Each of the four temperature channels used by the Look Up table is generated from measured
temperature sensors on the EMC2113 or from an external source.
Table 6.3 Fan Controls Active for Operating Mode
DIRECT PWM
SETTING MODE
FSC MODE
DIRECT PWM SETTING W/
LUT MODE
FSC W/ LUT MODE
Fan Driver Setting (read
/ write)
Fan Driver Setting (read
only)
Fan Driver Setting (read only)
Fan Driver Setting (read
only)
EDGES[1:0]
EDGES[1:0]
(Fan Configuration)
EDGES[1:0]
EDGES[1:0]
-
RANGE[1:0]
(Fan Configuration)
-
RANGE[1:0]
(Fan Configuration)
UPDATE[2:0]
(Fan Configuration)
UPDATE[2:0]
(Fan Configuration)
UPDATE[2:0]
(Fan Configuration)
UPDATE[2:0]
(Fan Configuration)
LEVEL
(Spin Up Configuration)
LEVEL
(Spin Up Configuration)
LEVEL
(Spin Up Configuration)
LEVEL
(Spin Up Configuration)
SPINUP_TIME[1:0]
(Spin Up Configuration)
SPINUP_TIME[1:0]
(Spin Up Configuration)
SPINUP_TIME[1:0]
(Spin Up Configuration)
SPINUP_TIME[1:0]
(Spin Up Configuration)
Fan Max Step
Fan Max Step
Fan Max Step
Fan Max Step
-
Fan Minimum Drive
Fan Minimum Drive
Valid TACH Count
Valid TACH Count
Valid TACH Count
Valid TACH Count
-
TACH Target (read /
write)
-
TACH Target (read only)
TACH Reading
TACH Reading
TACH Reading
TACH Reading
-
-
Look Up Table Drive /
Temperature Settings (read
only)
Look up Table Drive /
Temperature Settings
(read only)
-
DRIVE_FAIL_CNT [1:0]
(Spin Up Configuration) +
Fan Drive Fail Band
-
DRIVE_FAIL_CNT [1:0]
(Spin Up Configuration)
+ Fan Drive Fail Band



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com