Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 67 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 67 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 63Page - Microchip Technology EMC2113 Datasheet HTML 64Page - Microchip Technology EMC2113 Datasheet HTML 65Page - Microchip Technology EMC2113 Datasheet HTML 66Page - Microchip Technology EMC2113 Datasheet HTML 67Page - Microchip Technology EMC2113 Datasheet HTML 68Page - Microchip Technology EMC2113 Datasheet HTML 69Page - Microchip Technology EMC2113 Datasheet HTML 70Page - Microchip Technology EMC2113 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 67
7.34
Look Up Table Configuration Register
The Look Up Table Configuration Register controls the setup information for the temperature to fan
drive look up table.
APPLICATION NOTE: This register is duplicated at 50h as well as 7Dh for ease of programming using block write
mode. Example: Set register 50h to unlock the table and register 7Dh to lock the table.
The External Diode 2 channel is always used as the Temperature 2 input to the Fan Control Look Up
Table.
Bit 7 - USE_DTS_P1 - This bit determines whether the Pushed Temperature 1 Register is using DTS
data.
‘0’ (default) - The Pushed Temperature 1 Register is not using DTS data. The contents of the
Pushed Temperature 1 registers are standard temperature data.
‘1’ - The Pushed Temperature 1 Register is loaded with DTS data. The contents of this register are
automatically subtracted from a fixed value of 100°C before being compared to the Look Up Table
threshold levels.
Bit 6 - USE_DTS_P2 - This bit determines whether the Pushed Temperature 2 Register is using DTS
data.
‘0’ (default) - The Pushed Temperature 2 Register is not using DTS data. The contents of this
register are standard 2’s complement temperature data.
‘1’ - The Pushed Temperature 2 Register is loaded with DTS data. The contents of this register are
automatically subtracted from a fixed value of 100°C before being compared to the Look Up Table
threshold levels.
Bit 5 - LUT_LOCK - This bit locks updating the Look Up Table entries and determines whether the look
up table is being used.
‘0’ (default) - The Look Up Table entries can be updated normally. The Look Up Table will not be
used while the Look Up Table entries are unlocked. During this condition, the PWM output will not
change states regardless of temperature or tachometer variation.
where:
[4]
poles = number of poles of the fan
(typically 2)
n = number of edges measured
(typically 5)
m = the multiplier defined by the
RANGE bits
[5]
COUNT = TACH Reading Register
value (in decimal)
Table 7.51 Look Up Table Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
50h
R/W
LUT
Configuration
USE_
DTS_P1
USE_
DTS_P2
LUT
LOCK
RPM /
PWM
PUSH1_
CFG
TEMP1_
CFG
TEMP3_
CFG
TEMP4_
CFG
00h
7Dh
RPM
1
poles

--------------------
n
1
–

COUNT
1
m
-----
----------------------------------
1,966,080
=
RPM
3,932,160
m
COUNT
--------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com