Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 81 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 81 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 77Page - Microchip Technology EMC2113 Datasheet HTML 78Page - Microchip Technology EMC2113 Datasheet HTML 79Page - Microchip Technology EMC2113 Datasheet HTML 80Page - Microchip Technology EMC2113 Datasheet HTML 81Page - Microchip Technology EMC2113 Datasheet HTML 82Page - Microchip Technology EMC2113 Datasheet HTML 83Page - Microchip Technology EMC2113 Datasheet HTML 84Page - Microchip Technology EMC2113 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 81
A.1.1
LUT Configuration Bit Description
Bit 7 - USE_DTS_F1 = ‘0b’ tells the circuitry that the Forced Temperature 1 register data is not in DTS
format.
Bit 6 - USE_DTS_F2 = ‘0b’ tells the circuitry that the Forced Temperature 2 register data is not in DTS
format.
Bit 5 - LUT_LOCK = ‘1b’ tells the circuitry that the LUT is programmed and is active. This bit must be
set for the LUT to function.
Bit 4 - RPM / PWM = ‘1b’ tells the Look Up Table that the FSC algorithm is not used and that the LUT
target values will be PWM drive settings instead of TACH Target settings.
Bit 3 - PUSH1_CFG = ‘0b’ tells the circuitry that the LUT should referenced the Forced Temperature
data instead of the PWM Input Duty Cycle data. This is the default setting.
Bit 2 - TEMP1_CFG = ‘0b’ tells the LUT to reference the External Diode 1 data instead of Forced
Temperature 1 data. This is the default setting.
Bit 1 - TEMP3_CFG = ‘0b’ tells the LUT to reference the External Diode 3 data instead of Forced
Temperature 1 data. This is the default setting.
Bit 0 - TEMP4_CFG = ‘0b’ tells the LUT to reference the Internal Diode data instead of Forced
Temperature 2 data. This is the default setting.
Note: The values shown in Table A.3 are example settings. All the cells in the look-up table are
programmable via SMBus.
Table A.2 Look Up Table Example #1 Configuration
ADDR
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
SETTING
50h
LUT
Configuration
USE_
DTS_F1
USE_
DTS_F2
LUT_
LOCK
RPM /
PWM
PUSH1_
CFG
TEMP1_
CFG
TEMP3_
CFG
TEMP4_
CFG
C0h
00
1
1
0
0
0
0
Table A.3 Fan Speed Control Table Example #1
FAN
SPEED
STEP #
EXTERNAL DIODE
1 TEMPERATURE
(CPU)
EXTERNAL
DIODE 2
TEMPERATURE
(GPU)
EXTERNAL DIODE
3 TEMPERATURE
(SKIN)
INTERNAL DIODE
TEMPERATURE
(AMBIENT)
PWM
SETTINGS
135oC60oC30oC40oC0%
240oC70oC35oC45oC
30%
350oC75oC40oC50oC
40%
460oC80oC45oC55oC
50%
570oC85oC50oC60oC
60%
680oC90oC55oC65oC
70%
790oC95oC60oC70oC
80%
8
100oC
100oC65oC75oC
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com