Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 34 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 34 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 30Page - Microchip Technology EMC2113 Datasheet HTML 31Page - Microchip Technology EMC2113 Datasheet HTML 32Page - Microchip Technology EMC2113 Datasheet HTML 33Page - Microchip Technology EMC2113 Datasheet HTML 34Page - Microchip Technology EMC2113 Datasheet HTML 35Page - Microchip Technology EMC2113 Datasheet HTML 36Page - Microchip Technology EMC2113 Datasheet HTML 37Page - Microchip Technology EMC2113 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 34
 2013 Microchip Technology Inc.
6.10.2
Continuous Operation
When configured to operate in Continuous Operation, the Watchdog timer will start immediately. It can
be disabled by any access (read or write) to the SMBus register set. Upon completion of SMBus
activity, the Watchdog timer is reset and restarted.
6.11
Fault Queue
The EMC2113 contains a programmable fault queue on all fault conditions. The fault queue defines
how many consecutive out-of-limit conditions must be reported before the corresponding status bit is
set (and the ALERT pin asserted).
6.12
ALERT Pin
The ALERT pin acts as an active low open drain interrupt that flags several conditions. It will be
asserted low when:
1. The FSC Algorithm detects a stalled fan.
2. The measured temperature meets or exceeds its programmed high limit or drops below its
programmed low limit.
3. A diode fault is detected.
4. The PWM input duty cycle has exceeded its programmed limit.
Once asserted, the ALERT pin will remain asserted until the status bits have been cleared or the MASK
bit has been set.
6.13
Temperature Monitoring
The EMC2113 can monitor the temperature of up to three (3) externally connected diodes as well as
the internal or ambient temperature. Each channel is configured with Resistance Error Correction, BJT
Transistor model support, and Averaging enabled or disabled based on user settings and system
requirements. All temperature channels offer 1°C accuracy and 0.125°C resolution.
6.13.1
Dynamic Averaging
The EMC2113 supports dynamic averaging. When enabled, this feature changes the conversion time
for all channels based on the selected conversion rate. This essentially increases the averaging factor
as shown in Table 6.4, "Dynamic Averaging Behavior". The benefits of Dynamic Averaging are
improved noise rejection due to the longer integration time as well as less random variation on the
temperature measurement.
Table 6.4 Dynamic Averaging Behavior
CONVERSION RATE
AVERAGING FACTOR (RELATIVE TO 11-BIT CONVERSI0N)
DYNAMIC AVERAGING
ENABLED
DYNAMIC AVERAGING
DISABLED
1 / sec
8x
1x
2 / sec
4x
1x
4 / sec
2x
1x
Continuous
1x
1x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com