Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 24 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 24 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 20Page - Microchip Technology EMC2113 Datasheet HTML 21Page - Microchip Technology EMC2113 Datasheet HTML 22Page - Microchip Technology EMC2113 Datasheet HTML 23Page - Microchip Technology EMC2113 Datasheet HTML 24Page - Microchip Technology EMC2113 Datasheet HTML 25Page - Microchip Technology EMC2113 Datasheet HTML 26Page - Microchip Technology EMC2113 Datasheet HTML 27Page - Microchip Technology EMC2113 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 24
 2013 Microchip Technology Inc.
When the SYS_SHDN pin is asserted, it will remain asserted until the measured temperatures drop
below the respective limits minus the hysteresis. At this point, the pin will be released automatically.
6.1.2
SHDN_SEL Pin
The EMC2113 has a ‘strappable’ input (SHDN_SEL) allowing for configuration of the hardware
Critical/Thermal Shutdown input channel. The pull-up resistor used on this pin identifies which
configuration setting is used as shown in Table 6.1, "SHDN_SEL Pin Decode".
.
APPLICATION NOTE: The SHDN_SEL pin decode settings with Beta Compensation enabled (auto) will support a
diode connected 2N3904 diode normally.
6.1.3
TRIP_SET Pin
The EMC2113’s TRIP_SET pin is an analog input to the Critical/Thermal Shutdown block which sets
the Thermal Shutdown temperature. The system designer creates a voltage level at the input through
a simple resistor connected to GND as shown in Figure 6.2, "Block Diagram of Critical/Thermal
Shutdown". The value of this resistor is used to create an input voltage on the TRIP_SET pin which
is translated into a temperature ranging from 65°C to 127°C.
APPLICATION NOTE: Current only flows when the TRIP_SET pin is being monitored. At all other times, the internal
reference voltage is removed and the TRIP_SET pin will be pulled down to ground.
Table 6.1 SHDN_SEL Pin Decode
PULL UP
RESISTOR
MODE / DIODE
CHANNEL
EXTERNAL DIODE 1 CONFIG
EXTERNAL DIODE 2 CONFIG
< 4.7k Ohm
AMD CPU on
External Diode 1
Beta Compensation disabled
REC disabled
Beta and REC controls are locked
Beta Compensation enabled (auto)
REC enabled
Beta and REC controls are not locked
6.8k Ohm
2N3904 on External
Diode 1
Beta Compensation disabled
REC enabled
Beta and REC controls are locked
Beta Compensation enabled (auto)
REC enabled
Beta and REC controls are not locked
10k Ohm
Intel CPU or
2N3904 on External
Diode 1
Beta Compensation enabled (auto)
REC enabled
Beta and REC controls are locked
Beta Compensation enabled (auto)
REC enabled
Beta and REC controls are not locked
15k Ohm
Internal Diode
Beta Compensation enabled (auto)
REC enabled
Beta and REC controls are not locked
Beta Compensation enabled (auto)
REC enabled
Beta and REC controls are not locked
22k Ohm
Intel CPU or
2N3904 on External
Diode 2
Beta Compensation enabled (auto)
REC enabled
Beta and REC controls are not locked
Beta Compensation enabled (auto)
REC enabled
Beta and REC controls are locked
> 33k Ohm
Intel CPU or
2N3904 on External
Diode 1
Beta Compensation enabled (auto)
REC enabled
Beta and REC controls are not locked
Beta Compensation enabled (auto)
REC enabled
Beta and REC controls are not locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com