Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 82 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 82 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 78Page - Microchip Technology EMC2113 Datasheet HTML 79Page - Microchip Technology EMC2113 Datasheet HTML 80Page - Microchip Technology EMC2113 Datasheet HTML 81Page - Microchip Technology EMC2113 Datasheet HTML 82Page - Microchip Technology EMC2113 Datasheet HTML 83Page - Microchip Technology EMC2113 Datasheet HTML 84Page - Microchip Technology EMC2113 Datasheet HTML 85Page - Microchip Technology EMC2113 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 82
 2013 Microchip Technology Inc.
A.2
Example #2
This example uses the RPM-based Fan Speed Control Algorithm. The Spin Level (used by the Spin
Up Routine) should be changed to 40% drive for a total Spin Time of 1 second. For all other RPM
configuration settings, the default conditions are used.
For control inputs, it uses the External Diode 1 channel normally, the External Diode 2 channel
normally, and both Pushed Temperature registers in DTS format. The configuration is set as shown in
Table A.5, "Look Up Table Example #2 Configuration" while Table A.6, "Fan Speed Control Table
Example #2" shows how the table is loaded.
Note that when using DTS data, the USE_DTS_F1 and / or USE_DTS_F2 bits should be set. The
Pushed Temperature Registers are loaded with the normal DTS values as received by the processor.
When the DTS value is used by the Look Up Table, the value that is stored in the Pushed Temperature
Register is subtracted from a fixed temperature of 100°C. This resultant value is then compared
against the Look Up Table thresholds normally. When programming the Look Up Table, it is necessary
to take this translation into account or else incorrect settings may be selected.
A.2.1
Fan Spin Up Configuration Bit Description
Bits 7-6 - DRIVE_FAIL_CNT[1:0] = ‘00b’ tells the circuitry that the drive fail detection circuitry is not
enabled. This is the default setting.
Bit 5 - NOKICK = ‘0b’ tells the circuitry that if than Spin Up Routine is invoked, it will drive to 100%
duty cycle for 25% of the spin up time. This is the default setting.
Bits 4-2 - SPIN_LVL[2:0] = ‘010b’ tells the circuitry that if the Spin Up Routine is invoked, it should run
at 40% drive.
Table A.4 Fan Speed Determination for Example #1 (using settings in Table A.3)
EXTERNAL
DIODE 1
TEMPERATURE
(CPU)
EXTERNAL
DIODE 2
TEMPERATURE
(GPU)
EXTERNAL
DIODE 3
TEMPERATURE
(SKIN)
INTERNAL DIODE
TEMPERATURE
(AMBIENT)
PWM RESULT
Example 1:
82°C
82°C
48°C
58°C
70% (CPU temp
requires highest drive)
Example 2:
82C°
97°C
62°C
58°C
80% (GPU and Skin
require highest drive)
Example 3:
82°C
97°C
62°C
75°C
100% (Internal temp
requires highest drive)
Table A.5 Look Up Table Example #2 Configuration
ADDR
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
SETTING
46h
Fan Spin Up
Configuration
DRIVE_FAIL_CNT
[1:0]
NOKICK
SPIN_LVL[2:0]
SPINUP_TIME [1:0]
0Ah
00
0
0
1
0
1
0
50h
LUT
Configuration
USE_
DTS_F1
USE_
DTS_F2
LUT_
LOCK
RPM /
PWM
PUSH1_
CFG
TEMP1_
CFG
TEMP3_
CFG
TEMP4_
CFG
E5h
11
1
0
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com