Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 86 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 86 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 80Page - Microchip Technology EMC2113 Datasheet HTML 81Page - Microchip Technology EMC2113 Datasheet HTML 82Page - Microchip Technology EMC2113 Datasheet HTML 83Page - Microchip Technology EMC2113 Datasheet HTML 84Page - Microchip Technology EMC2113 Datasheet HTML 85Page - Microchip Technology EMC2113 Datasheet HTML 86Page - Microchip Technology EMC2113 Datasheet HTML 87Page - Microchip Technology EMC2113 Datasheet HTML 88Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 86
 2013 Microchip Technology Inc.
Datasheet Revision History
Revision History
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION
REV A
Replaces the previous SMSC version Rev. 1.2
Rev. 1.2 (10-08-09)
Chapter 8, Typical
Operating Curves
Added chapter.
Rev. 1.1 (07-21-09)
Section 6.1.1, "SYS_SHDN
Pin"
Added section to describe SYS_SHDN pin
operation.
Section 6.12, "ALERT Pin"
Added section to describe ALERT pin operation.
Cover and Features
Updated text to include ALERT pin and
temperature limits
General Description
Modified bullet under “Temperature Look-Up Table”
from: “Allows programmed fan response to
temperature”
to: “Allows external PWM input (50Hz-40kHz) as
an additional temperature input”
Rev. 1.1 (05-22-09)
Table 4.2, "Electrical
Specifications"
“Tachometer Setting Accuracy” changed to “RPM
Control Accuracy”
Value in MAX Column changed from: “+/- 3%”
to: “+/- 2%”
Rev. 1.1 (05-15-09)
Table 4.1, "Absolute
Maximum Ratings"
Updated table for 5V tolerant pins issue
Table 4.3, "SMBus Electrical
Specifications"
Updated electrical specifications for supply current
Section 7.40, "Revision
Register"
Updated revision history
Appendix B “RPM to
Tachometer Count Look Up
Tables”
Removed Appendix B and added reference to
AN17.4 RPM to TACH Counts Conversion, which
includes more information.
Rev. 1.0 (02-11-09)
Initial release of datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com