Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 17 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 17 Page - Microchip Technology

Back Button EMC2113 Datasheet HTML 13Page - Microchip Technology EMC2113 Datasheet HTML 14Page - Microchip Technology EMC2113 Datasheet HTML 15Page - Microchip Technology EMC2113 Datasheet HTML 16Page - Microchip Technology EMC2113 Datasheet HTML 17Page - Microchip Technology EMC2113 Datasheet HTML 18Page - Microchip Technology EMC2113 Datasheet HTML 19Page - Microchip Technology EMC2113 Datasheet HTML 20Page - Microchip Technology EMC2113 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 17
Chapter 5 SMBus Slave Interface
The EMC2113 communicates with a host controller, such as an SIO, through the SMBus. The SMBus
is a two-wire serial communication protocol between a computer host and its peripheral devices.
5.1
System Management Bus Interface Protocol
The EMC2113 contains an SMBus slave interface. A detailed timing diagram is shown in Figure 5.1,
"SMBus Timing Diagram". Stretching of the SMCLK signal is supported, however the EMC2113 will not
stretch the clock signal.
5.1.1
SMBus Start Bit
The SMBus Start bit is defined as a transition of the SMBus Data line from a logic ‘1’ state to a logic
‘0’ state while the SMBus Clock line is in a logic ‘1’ state.
5.1.2
SMBus Address and RD / WR Bit
The SMBus Address Byte consists of the 7-bit slave address followed by the RD / WR indicator bit. If
this RD / WR bit is a logic ‘0’, then the host device is writing data to the slave device. If this RD / WR
bit is a logic ‘1’, then the host device is reading data from the slave device.
The EMC2113 SMBus slave address is determined via the pull-up resistor connected to the
ADDR_SEL pin as shown Table 5.1, "ADDR_SEL Pin Decode".
Figure 5.1 SMBus Timing Diagram
Table 5.1 ADDR_SEL Pin Decode
PULL-UP RESISTOR VALUE
FAN CONTROL ADDRESS
4.7k Ohm ±5%
0101_100(r/w)
6.8k Ohm ±5%
0101_101(r/w)
10k Ohm ±5%
0101_110(r/w)
15k Ohm ±5%
1001_100(r/w)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com